Electronic Components Datasheet Search
  English  ▼

X  

MPA201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MPA201
Description  0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPA201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MPA201 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE
THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE
PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
MPA 201
0.5 Watts, 12.5 Volts, Class A
Linear to 500 MHz
50
Ω Hybrid Amplifier
GENERAL DESCRIPTION
CASE OUTLINE
The MPA 201 is a COMMON EMITTER amplifier device designed for
broadband performance to 500 MHz in a format suitable for stripline assembly
and high reliability applications. Its wide dynamic range and flexibility
commend it for a broad spectrum of instrumentation, receiver and transmitter
applications. It utilizes gold metalization and diffused ballasting to provide
high reliability and supreme ruggedness.
55AU, Style 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
6.0 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
40 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
300 mAmps
Maximum Temperatures
Storage Temperature
- 55 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Power Input
Ic = 140 mA
0.02
Watts
Pg
Ft
VSWR
Power Out
F = 500 MHz
0.5
0.8
Watts
Power Gain
Vcc = 12.5 Volts
12
13
dB
Transition Frequency
Vce = 20 V, Ic = 140 A
3.4
3.7
GHz
Load Mismatch Tolerance
30:1
BVebo
BVces
Collector to Emitter Breakdown
Ic =10 mA
50
Volts
BVceo
hFE
Cob
θjc
Emitter to Base Breakdown
Ie = 1 mA
3.5
Volts
Collector to Emitter Breakdown
Ic = 10 mA
22
Volts
DC Current Gain
Vce = 5 V, Ic = 100 mA
20
Capacitance
Vcb = 28V, f = 1 MHz
2.0
3.0
pF
C/W
Thermal Resistance
33
o
Initial Issue July 1997


Similar Part No. - MPA201

ManufacturerPart #DatasheetDescription
logo
GHz Technology
MPA201 GHZTECH-MPA201 Datasheet
30Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
logo
Microsemi Corporation
MPA201 MICROSEMI-MPA201 Datasheet
107Kb / 4P
0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
logo
New Jersey Semi-Conduct...
MPA201 NJSEMI-MPA201 Datasheet
127Kb / 2P
0,5 WATTS -; 12.5 VOLTS 500 Mhz
logo
List of Unclassifed Man...
MPA2019 ETC2-MPA2019 Datasheet
2Mb / 4P
MAGIGOO® - PA (Polyamide/Nylon), is an all-in-one 3D printing adhesive that offers sure adhesion with easy removal for PA and fibre reinforced PA materials
Ver 1.5 February 2019
More results

Similar Description - MPA201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
logo
GHz Technology
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
23A005 GHZTECH-23A005 Datasheet
110Kb / 3P
0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
23A017 GHZTECH-23A017 Datasheet
33Kb / 2P
1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
80143 GHZTECH-80143 Datasheet
226Kb / 4P
1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
11 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
List of Unclassifed Man...
2A8 ETC2-2A8 Datasheet
34Kb / 2P
0.5 Watts, 20 Volts, Class A Linear to 2000 MH
logo
GHz Technology
MPA201 GHZTECH-MPA201 Datasheet
30Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
logo
Microsemi Corporation
MPA201 MICROSEMI-MPA201 Datasheet
107Kb / 4P
0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
logo
New Jersey Semi-Conduct...
MPA201 NJSEMI-MPA201 Datasheet
127Kb / 2P
0,5 WATTS -; 12.5 VOLTS 500 Mhz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com