Electronic Components Datasheet Search
  English  ▼

X  

NJU7040 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU7040
Description  Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7040 Datasheet(HTML) 4 Page - New Japan Radio

  NJU7040 Datasheet HTML 1Page - New Japan Radio NJU7040 Datasheet HTML 2Page - New Japan Radio NJU7040 Datasheet HTML 3Page - New Japan Radio NJU7040 Datasheet HTML 4Page - New Japan Radio NJU7040 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJU7040
- 4 -
Ver.2004-06-10
■ ELECTRICAL CHARACTERISTICS
●DC CHARACTERISTICS
(VDD=3V, Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
IDD
No Signal Apply
-
350
600
µA
Input Offset Voltage
VIO
-
-
10
mV
Input Bias Current
IB
-
1
-
pA
Input Offset Current
IIO
-
1
-
pA
Large Signal Voltage Gain
AV
RL=10kΩ to 1.5V,
Vo=1.5V±1.4V
70
90
-
dB
Common Mode Rejection Ratio
CMR
CMR+: 1.5V ≤ VCM ≤ 3V
CMR-: 0V ≤ VCM ≤ 1.5V
(Note 6)
42
60
-
dB
Supply Voltage Rejection Ratio
SVR
2.7V ≤ VDD ≤ 4.0V,
VCM=VDD/2
50
80
-
dB
Output Voltage1
VOH1
RL=10kΩ to 1.5V
2.95
-
-
V
VOL1
RL=10kΩ to 1.5V
-
-
0.05
V
Output Voltage2
VOH2
RL=600Ω to 1.5V
2.9
-
-
V
VOL2
RL=600Ω to 1.5V
-
-
0.1
V
Output Source Current
ISOURCE
VO=1.5V
30
40
-
mA
Output Sink Current
ISINK
VO=1.5V
30
40
-
mA
Input Common Mode Voltage Range
VICM
CMR ≥ 42dB
0
-
3
V
(Note 6) CMR is represented by either CMR+ or CMR- has lower value.
●AC CHARACTERISTICS
(VDD=3V, Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Unity Gain Bandwidth
GB
RL=10kΩ to 1.5V
-
0.8
-
MHz
Total Harmonic Distortion
THD
f=1kHz, VIN=1Vpp, AV=0dB
-
0.05
-
%
Equivalent Input Noise Voltage
VNI
f=1kHz
-
40
-
nV/√Hz
●TRANSIENT CHARACTERISTICS
(VDD=3V, Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Slew Rate
SR
RL=10kΩ to 1.5V
-
0.7
-
V/µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com