Electronic Components Datasheet Search
  English  ▼

X  

MA177 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA177
Description  Single Output Hall Effect Latch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA177 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA177 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA177 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA177 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA177 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA177 Datasheet HTML 5Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
MA177
Major Power Technology Co., Ltd.
Rev.1.2 Feb.22, 2016
Single Output Hall Effect Latch
GENERAL DESCRIPTION
MA177 is an integrated Hall effect latched sensor designed for electronic commutation of
brush-less DC motor applications. The device is using HV BCD process includes an on-chip
Hall voltage generator for magnetic sensing, a comparator that amplifies the Hall voltage, and a
Schmitt trigger to provide switching hysteresis for noise rejection, and open-collector output. An
internal band-gap regulator is used to provide temperature compensated supply voltage for
internal circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output state is
held until a magnetic flux density reversal falls below Brp causing OUT to be turned off (high).
FEATURES
-
3.3V to 26V DC operation voltage
-
Temperature compensation
-
Wide operating voltage range
-
Open-Drain pre-driver
-
25mA maximum sinking output current.
-
-40°C to 85°C operating temperature
-
Low Profile SOT23-3L and SIP-3L Package( Green and Lead Free )
PIN ASSIGNMENT
The package of MA177 are SOT23-3L and SIP-3L ; the pin assignment is given by:
VDD
OUT
(Top View)
GND
1
VDD
2
GND
3
OUT
(Top View)
MA177
SIP-3L
2
3
1
SOT23-3L
Name
Description
VDD
Supply Voltage
OUT
Output
GND
Ground.


Similar Part No. - MA177

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA177 PANASONIC-MA177 Datasheet
45Kb / 2P
Silicon epitaxial planar type
logo
Major-Power Technology ...
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA177HP3 MPOWER-MA177HP3 Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA177R MPOWER-MA177R Datasheet
119Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
MA177RAA MPOWER-MA177RAA Datasheet
119Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results

Similar Description - MA177

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Unisonic Technologies
U652 UTC-U652 Datasheet
132Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com