Electronic Components Datasheet Search
  English  ▼

X  

MA277 Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA277
Description  Complementary Output Hall Effect Fan Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA277 Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA277 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA277 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA277 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA277 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA277 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA277 Datasheet HTML 6Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
MA277
Major Power Technology Co., Ltd.
Rev.1.1
Jun.03, 2014
ELECTRICAL CHARACTERISTICS
(VDD = 12V, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Conditions
Min Typ Max Units
Supply Voltage
VDD
Operating
3.3
-
18
V
Supply current
IDD
Operating
-
3.5
5
mA
Output Leakage Current
IOFF
VOUT=12V
-
< 0.1 10
A
Output On resistance
RDS(ON)
IOUT=300mA
-
1.4
-
Output Clamping Voltage
VZ
DO, DOB
-
32
-
V
Thermal shutdown Temp
TSD
150
-
-
°C
Thermal Shutdown Hysteresis
TSH
-
30
-
°C
Magnetic
(1mT=10 Gauss)
Operate Point
BOP
5
25
50 Gauss
Release Point
BRP
-50 -25
-5 Gauss
Hysteresis
BHYS
-
50
-
Gauss
Driver output vs. magnetic pole
Characteristics
Test Conditions
DO
DOB
North pole
B < Brp
High
Low
South pole
B > Bop
Low
High
Note: The magnetic pole is applied facing the branded side of the package
Bop
Brp
0
DOB
V
Bop
Brp
0
DO
V
B
B
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com