Electronic Components Datasheet Search
  English  ▼

X  

MA2001 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA2001
Description  1.4A Boost for White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2001 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA2001 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MA2001
Major Power Technology Co., Ltd.
Rev.1.1
Jan.10, 2014
1.4A Boost for White LED Driver
GENERAL DESCRIPTION
The MA2001 is a high frequency, asynchronous boost converter. The internal MOSFET
can support up to 8 White LEDs for backlighting and OLED power application, and the internal
soft start function can reduce the inrush current.
The MA2001 uses current mode, 1.0MHZ fixed frequency architecture to regulate the LED
current, which is set through an external current sense resistor. Its low 300mV feedback
voltage reduces power loss and improves efficiency. The OVP pin monitors the output
voltage and turns off the converter if an over-voltage condition is present due to an open
circuit condition. The MA2001 includes under-voltage lockout, current limiting and thermal
shutdown protection preventing damage in the event of an output overload. The driver is
available in small 6-pin SOT23 & TSOT23 packages.
FEATURES
-
2.5V to 5.5V operating input voltage range
-
Drives up to 8 series White LEDs
-
1.0MHz Fixed Switching Frequency
-
Wide range for PWM dimming (200Hz to 200KHz)
-
Internal 1.4A switching current limit
-
Over Voltage Protection (OVP)
-
Internal Soft-start Function
-
Current limit and Thermal shutdown protection
-
Under voltage Lockout
APPLICATIONS
-
Cellular Phones
-
Digital Cameras
-
Tablet PC and Handheld Computers
-
PDA, DVD and GPS Receivers
-
Portable Instruments


Similar Part No. - MA2001

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2001A MPOWER-MA2001A Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001AC MPOWER-MA2001AC Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001ACA MPOWER-MA2001ACA Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001ACT MPOWER-MA2001ACT Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001ACTA MPOWER-MA2001ACTA Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
More results

Similar Description - MA2001

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Rohm
BD9285F ROHM-BD9285F Datasheet
1Mb / 39P
Boost 1channel white LED driver For large LCDs
BD9488F ROHM-BD9488F Datasheet
1Mb / 39P
Boost 1channel white LED driver For large LCDs
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
Boost Regulator White LED Driver
logo
Rohm
BD9488F ROHM-BD9488F_14 Datasheet
1Mb / 42P
Boost 1channel white LED driver For large LCDs
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
logo
Major-Power Technology ...
MA2001A MPOWER-MA2001A Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001B MPOWER-MA2001B Datasheet
237Kb / 7P
1.4A Boost for White LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com