Electronic Components Datasheet Search
  English  ▼

X  

MA2003BA Datasheet(PDF) 6 Page - Major-Power Technology Co., LTD.

Part # MA2003BA
Description  1.2MHz, High Voltage, Boost Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2003BA Datasheet(HTML) 6 Page - Major-Power Technology Co., LTD.

  MA2003BA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2003BA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2003BA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2003BA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2003BA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2003BA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2003BA Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
MA2003
Major Power Technology Co., Ltd.
Rev.1.0
Oct.11, 2014
Layout Guide
EN
GND
SW
FB
VCC
C1
L1
VOUT
R1
R2
SW should be connected to Inductor by
wide and short trace, keep sensitive
components away from this trace
C2
MA2003
1
2
3
4
5
VIN
C1's ground must be as
closer to IC's GND pin as
possible
D1
R3
C2's ground must be as
closer to IC's GND pin as
possible
C3
TYPICAL CHARACTERISTICS
POWER ON
IOUT=50mA
Ch1=SW , Ch2=VIN ,Ch3=VOUT , Ch4=IOUT
Ch1=SW , Ch2=VIN ,Ch3=VOUT , Ch4=IOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com