Electronic Components Datasheet Search
  English  ▼

X  

MA2004ACA Datasheet(PDF) 6 Page - Major-Power Technology Co., LTD.

Part # MA2004ACA
Description  3A 750KHz Asynchronous Boost Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2004ACA Datasheet(HTML) 6 Page - Major-Power Technology Co., LTD.

  MA2004ACA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2004ACA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2004ACA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2004ACA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2004ACA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2004ACA Datasheet HTML 6Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6/6
MA2004A
Major Power Technology Co., Ltd.
Rev.1.0
Apr/15, 2015
PACKAGE OUTLINES
L
e1
D
b
L1
e
GAUGE PLANE
C
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
-
1.45
0.041
-
0.057
A1
0.05
-
2.15
0.002
-
0.085
A2
0.90
1.10
1.30
0.035
0.043
0.051
b
0.30
-
0.50
0.012
-
0.020
C
0.08
-
0.22
0.003
-
0.009
D
2.70
2.90
3.10
0.106
1.114
0.122
E1
1.40
1.60
1.80
0.055
0.063
0.071
E
2.60
2.80
3.00
0.102
0.110
0.118
L
0.30
-
0.60
0.012
-
0.024
L1
0.50
0.60
0.70
0.020
0.024
0.028
e1
1.80
1.90
2.00
0.071
0.075
0.079
e
0.85
1.00
1.15
0.033
0.037
0.045
θ
0o
4o
8o
0o
4o
8o



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com