Electronic Components Datasheet Search
  English  ▼

X  

MA2009 Datasheet(PDF) 8 Page - Major-Power Technology Co., LTD.

Part # MA2009
Description  1.2MHz 2A, High Voltage, Boost Converte
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2009 Datasheet(HTML) 8 Page - Major-Power Technology Co., LTD.

  MA2009 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA2009 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
MA2009
Major Power Technology Co., Ltd.
Rev 1.0 Sep. 14, 2016
POWER ON
IOUT=50mA
VIN
VIN
VIN
VIN
VOUT
VOUT
VOUT
VOUT
LX
LX
VOUT(AC)
VEN
IOUT
ILX
IOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com