Electronic Components Datasheet Search
  English  ▼

X  

MA2009C Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA2009C
Description  1.2MHz 2A, High Voltage, Boost Converte
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2009C Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA2009C Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2009C Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2009C Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2009C Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2009C Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2009C Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2009C Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA2009C Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA2009C Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
MA2009
Major Power Technology Co., Ltd.
Rev 1.0 Sep. 14, 2016
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VIN,EN pin voltage
-0.3 to 20
V
SW pin voltage
VSW
-0.3 to 30
V
FB pins voltage
-0.3 to 6
V
Continuous Power Dissipation
PD
( TJ-TA ) /
θ
JA
mW
Operating Temperature
Top
-40 to 85
°C
Junction Temperature
TJ
150
°C
Storage Temperature Range
-65 to 150
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note:
θJA is measured with the PCB copper are (need connect to GND) of approximately 1 in2 (Multi-layer).
ELECTRICAL CHARACTERISTICS
(VIN = 5V, VEN = 5V, TA = 25°C)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Input Voltage Range
VIN
2.6
-
16
V
Input UVLO
UVLO Rising
-
1.7
2.55
V
UVLO Hysteresis
-
0.1
-
V
Step-Up Voltage Adjust Range
VOUT
3
-
28
V
Quiescent Current
ICCQ
IOUT= 0mA, VFB =0.7V
-
100
200
μA
Shutdown Current
ISD
VEN = 0V
-
0.1
1
μA
FB Pin Voltage
VFB
0.588 0.600 0.612
V
Switching frequency
FOSC
800
1200 1500 KHz
Maximum Duty
DMAX
88
90
-
%
SW current limit(Note 1)
ILIM
Duty=50%
3
4
-
A
MOSFET on-resistance(Note 1) RDS(on) VCC=5V, ISW=1A
-
80
150
m
Ω
SW Leakage Current
ISWL
VSW = 28V, VFB =0.7V
-
-
1
µA
EN high-level input voltage
VIH
1.5
-
-
V
EN low-level input voltage
VIL
-
-
0.4
V
Thermal Shutdown
TDS
-
150
-
°C
Note1: Guaranteed by design, not tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com