Electronic Components Datasheet Search
  English  ▼

X  

MA5003 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5003
Description  2A 1.5MHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5003 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5003 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5003 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5003 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5003 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5003 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5003 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5003 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5003 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5003 Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
MA5003
Major Power Technology Co., Ltd.
Rev.1.3
Dec.01, 2016
BLOCK DIAGRAM
PWM
CONTROL
LOGIC
OSCILLATOR
+
-
COMP
ILIMIT
EA
REFERENCE
and BIAS
SOFTSTART
UVLO
and POR
0.6V
P-SWITCH
EN
FB
GND
SW
VCC
ISEN
Thermal
Shutdown
DRIVER
PIN ASSIGNMENT
The packages of MA5003 are SOT23-5L, and SOP8-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
EN
NC
SOP8L-EP
MA5003
GND
VCC
GND
SW
NC
FB
(GND)
Name
Description
EN
Chip Enable pin. Active high.
GND
Ground Pin.
SW
Switching Pin
VCC
VCC Input Pin
FB
Feedback Pin.
NC
NO Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com