Electronic Components Datasheet Search
  English  ▼

X  

MA5003BA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5003BA
Description  2A 1.5MHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5003BA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5003BA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5003BA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5003BA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5003BA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5003BA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5003BA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5003BA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5003BA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5003BA Datasheet HTML 9Page - Major-Power Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
MA5003
Major Power Technology Co., Ltd.
Rev.1.3
Dec.01, 2016
2A 1.5MHz Synchronous Buck Converter
GENERAL DESCRIPTION
The MA5003 is a monolithic synchronous buck regulator with a built in internal power
MOSFET. It achieves 2A continuous output current fix switching frequency with excellent
load and line regulation.
Current mode operation provides fast transient response and eases of loop
stabilization.
Fault condition protection includes cycle-by-cycle current limiting, output short circuit
protection and thermal shutdown. In shutdown mode the regulator draws less than 1
μA of
supply current. Internal soft-start minimizes the inrush supply current at initial startup.
The MA5003 requires a minimum number of readily available standard external
components. It is available in SOT23-5L and SOP8-EP packages.
FEATURES
-
2.5V to 5.5V input voltage range
-
Up to 2A Output Current
-
150/120m
Ω Internal Power MOSFET Switch
-
Stable with Low ESR Output Ceramic Capacitors
-
Up to 95% Efficiency
-
Less than 1
μA Shutdown Current
-
1.5Mhz Switching Frequency
-
Thermal Shutdown Protection
-
Current limit and short circuit protections.
-
Output Adjustable from 1V to VIN
-
Available in SOT23-5 and SOP8-EP Pb-Free Package
-
Build-in soft start function
-
Input UVLO and OVLO protections


Similar Part No. - MA5003BA

ManufacturerPart #DatasheetDescription
logo
ZKTECO CO., LTD. All ri...
MA500 ZKTECO-MA500 Datasheet
696Kb / 2P
Metal Design & Anti-Vandal IP65 Outdoor Fingerprint Access Control
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001B MPOWER-MA5001B Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001BA MPOWER-MA5001BA Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001BT MPOWER-MA5001BT Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results

Similar Description - MA5003BA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA5007 MPOWER-MA5007 Datasheet
190Kb / 2P
1.2A 1.5MHz Synchronous Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com