Electronic Components Datasheet Search
  English  ▼

X  

MA5603 Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA5603
Description  Synchronous Buck for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5603 Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA5603 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5603 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5603 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5603 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5603 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5603 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5603 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5603 Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5603 Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
MA5603
Major Power Technology Co., Ltd.
Rev.1.4
Aug 24, 2016
BLOCK DIAGRAM
A BSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VIN
–0.3 to +42
V
Switch Node Voltage
VSW
– 0.3 to VIN + 0.3
V
Boost Voltage
VBS
VSW – 0.3 to VSW + 6
V
All Other Pins
–0.3 to +6
V
Lead Temperature
260
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
TJ
150
°C
Output Voltage
VOUT
VFB to 33
V
Ambient Operating Temperature
–40 to +85
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note:
θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com