Electronic Components Datasheet Search
  English  ▼

X  

MA5602ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5602ESA
Description  38V Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5602ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5602ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5602ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5602ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5602ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5602ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5602ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5602ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5602ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
MA5602
Major Power Technology Co., Ltd.
Rev.1.5
Apr. 11, 2017
38V Synchronous Buck Converter With CC/CV
GENERAL DESCRIPTION
MA5602 is a wide input voltage, high efficiency Active CC step-down DC/DC converter that
operates in either CV (Constant Output Voltage) mode or CC (Constant Output Current) mode.
MA5602 provides up to 2.5A output current at 160kHz switching frequency. Current mode control
provides fast transient response and cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, This device, available in an
SOP8L-EP(Exposed pad) package, provides a very compact solution with minimal external
components.
FEATURES
- Wide 8V to 38V Operating Input Range
- Integrated 140m
Ω Power MOSFET Switches
- Output Adjustable from VFB(1.00V±2%) to 5.5V
- Up to 92% Efficiency
- Internal Soft-Start.
- Stable with Low ESR Polymer Al-E-Capacitors
- Fixed 160KHz Frequency
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout
APPLICATION CIRCUIT
C1
2.2
40kΩ
10kΩ
VOUT
5V 2.4A
C6
0.1 F
IN
COMP
GND
SEN1
SW
SEN2
FB
VIN=8~38V
RSEN
37mΩ
L1
C2
R1
R2
BS
C5
MA5602
R5
24Ω
C3
R3
3.3nF
15kΩ
10
PAD
D1
C7
C8
CFB
3.3n
VOUT=VFB × (1+R1/R2), VFB = 1.00V, R2 suggest 1K~30K
Ω
ISEN = 2.7A (ISEN≒VSEN(0.1V) / RSEN(37m
Ω))


Similar Part No. - MA5602ESA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ES MPOWER-MA5601ES Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ESA MPOWER-MA5601ESA Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5603 MPOWER-MA5603 Datasheet
412Kb / 9P
Synchronous Buck for LED Driver
MA5603ES MPOWER-MA5603ES Datasheet
412Kb / 9P
Synchronous Buck for LED Driver
More results

Similar Description - MA5602ESA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
E-CMOS Corporation
EC9302 E-CMOS-EC9302 Datasheet
579Kb / 8P
38V Synchronous Buck Converter With CC/CV
EC9303 E-CMOS-EC9303 Datasheet
230Kb / 8P
38V 5A Synchronous Buck Converter
logo
Linear Technology
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
MA5620 MPOWER-MA5620 Datasheet
291Kb / 8P
38V Synchronous Buck Controller
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com