Electronic Components Datasheet Search
  English  ▼

X  

MA5603ESA Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA5603ESA
Description  Synchronous Buck for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5603ESA Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA5603ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5603ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
MA5603
Major Power Technology Co., Ltd.
Rev.1.4
Aug 24, 2016
APPLICATION CIRCUIT
1. LED = 3(ILED=0.33A)
ILED=VFB /RSET=0.22V/0.66
Ω=0.33A, VFB = 0.22V
IN
EN
VDD
GND
BS
SW
FB
COMP
11~24V
R4
100k
Ω
C5
100nF
L1
22
μH
C3
R3
C4
0.1
μF
C6
0.1
μF
MA5603
R5
24
Ω
3.3nF
2.2k
Ω
VOUT
RSET
1W
WLEDs
0.66
Ω
PAD
C1
10
μF
25V
C2
10
μF
16V
2. LED = 3(ILED=1A)
IN
EN
VDD
GND
BS
SW
FB
COMP
11~24V
R4
100k
Ω
C5
100nF
L1
22
μH
C3
R3
C4
0.1
μF
C6
0.1
μF
MA5603
R5
24
Ω
3.3nF
2.2k
Ω
VOUT
RSET
3W
WLEDs
0.22
Ω
PAD
C1
100
μF
25V
C2
10
μF
16V
3. LED = 6(ILED=0.33A)
IN
EN
VDD
GND
BS
SW
FB
COMP
22~36V
R4
100kΩ
C5
100nF
L1
33
μH
C3
R3
C4
0.1
μF
C6
0.1
μF
MA5603
R5
24Ω
3.3nF
2.2kΩ
VOUT
RSET
1W
WLEDs
0.66Ω
PAD
C1
100
μF
50V
D1
B240 C2
10
μF
25V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com