Electronic Components Datasheet Search
  English  ▼

X  

MA5605ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5605ESA
Description  36V 4.5A Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5605ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5605ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 8Page - Major-Power Technology Co., LTD. MA5605ESA Datasheet HTML 9Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
MA5605
Major Power Technology Co., Ltd.
Rev.1.2 Apr. 12, 2017
36V 4.5A Synchronous Buck Converter With 2CH CC/CV
GENERAL DESCRIPTION
The MA5605 is a monolithic synchronous buck regulator. The device integrates internal high
side and external low side power MOSFETs, and provides 4.5A of continuous load current over a
wide input voltage. Current mode control provides fast transient response and cycle-by-cycle
current limit.
An internal soft-start prevents inrush current at turn-on, this device available in SOP8L-EP
(Exposed pad) package, and provides a very compact solution with minimal external components.
FEATURES
- Wide 8V to 36V Operating Input Range
- Integrated 75m
Ω high side Power MOSFET Switches
- Output Adjustable : VFB(1.00V±2%) .
- Up to 95% Efficiency
- Internal Soft-Start and Fixed 160KHz Frequency
- Stable with Low ESR Polymer Al-E-Capacitors
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout
APPLICATION CIRCUIT
IN
CS2
GND
LG
BS
SW
FB
CS1
C7
10
μF
35V
C5
10nF
L1
33
μH
R1
40kΩ
R2
10kΩ
C8
10
μF
10V
VOUT=5V
5V 1.0A
C6
0.1
μF
MA5605
R5
24Ω
PAD(GND)
C2
470
μF
16V
M1
NMOS
C1
220
μF
35V
VIN=8~32V
38mΩ
RSEN
VOUT1-
RSEN
VOUT2-
80mΩ
5V 2.4A
CFB
3.3nF
40N04S
VOUT=VFB × (1+R1/R2), VFB = 1.00V, R2 suggest 1k~40K
Ω
ISEN = 2.63A (ISEN=VCS1(0.1V) / RSEN(38m
Ω))


Similar Part No. - MA5605ESA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ES MPOWER-MA5601ES Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ESA MPOWER-MA5601ESA Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ES MPOWER-MA5602ES Datasheet
525Kb / 8P
38V Synchronous Buck Converter
More results

Similar Description - MA5605ESA

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
4.5A Synchronous Buck Li-ion Charger
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com