Electronic Components Datasheet Search
  English  ▼

X  

JMS562 Datasheet(PDF) 1 Page - JMicron Technology Corporation

Part # JMS562
Description  USB3.0 & eSATA GEN III to Dual SATA GEN III Ports Bridge Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMS562 Datasheet(HTML) 1 Page - JMicron Technology Corporation

  JMS562 Datasheet HTML 1Page - JMicron Technology Corporation JMS562 Datasheet HTML 2Page - JMicron Technology Corporation JMS562 Datasheet HTML 3Page - JMicron Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JMS562 Product Brief
Copyright © 2014 JMicron Inc. All rights reserved.
Product Brief
Page 1
2014/02/11
JMS562 USB3.0 & eSATA GEN III to Dual SATA GEN III
Ports Bridge Chip
Overview
JMicron JMS562 is a Supper Speed & eSATA GEN III to Dual SATA Gen III Ports bridge chip. It integrated four
independent SATA channels and a micro-processor. With proper setting, the chip can be configured as 1 to 2- ports
Serial ATA III Port Multiplier or hardware striping & mirror. The JMS562 is able to reach a data transmission rate above
400M bytes per secon
d when paired with an SSD module using JMicron’s JMF667 SSD controller. The readings were
measured by IOMeter, a gauge for storage device performance, with a variety of queue depths and worker number
settings, on a platform with an xHCI host on an Intel Panther Point C1 stepping PC, running Windows 8 Build 8315
Core 2. Enabling USB Attached SCSI Protocol (UASP) on the JMS562, increased the data transmission rate by as
much as 30%.
JMS562 has passed the USB-IF test procedure for USB3.0 products and it won the Windows Hardware Certification
approval.
Features
 Complies with Serial ATA International Organization: Serial ATA Revision 3.1
 Complies with Universal Serial Bus 3.0 Specification Revision 1.0
 Complies with USB Mass Storage Class Bulk-Only Transport (BOT) Rev. 1.0 Specification
 Complies with USB Attached SCSI Protocol (UASP) Rev. 1.0 Specification
 Supports USB Super-Speed/High-Speed/Full-Speed Operation
 Supports USB 2.0/USB 3.0 power saving mode
 Supports multi LUNs for USB 2.0/USB 3.0
 Supports port multiplier for eSATA
 Supports hardware RAID0 (striping) and RAID1 (mirror) over USB 2.0/USB 3.0/eSATA
 Flexible GPIOs for customized functions
 Provides a hardware control PWM
 Provides software utilities for downloading the upgraded firmware code under USB2.0/USB3.0/eSATA
 Design for Windows XP, Windows 7, Windows 8, MAC 10.3 or later versions
 30MHz external crystal
 An embedded 2.5V to 1.3V voltage regulator
 An embedded 5.0V to 3.3V voltage regulator
 QFN 76 package


Similar Part No. - JMS562

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JMS561 JMICRON-JMS561 Datasheet
142Kb / 3P
USB3.0 to Dual SATA GenIII Ports Bridge Chip
JMS561U JMICRON-JMS561U Datasheet
121Kb / 5P
SuperSpeed USB to Dual SATA Gen3 Ports Bridge and SATA Copier
More results

Similar Description - JMS562

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT200-5 MARKTECH-RT200-5 Datasheet
376Kb / 6P
Gen III LEDs
RT260-20 MARKTECH-RT260-20 Datasheet
387Kb / 6P
Gen III LEDs
RT320-20 MARKTECH-RT320-20 Datasheet
375Kb / 6P
Gen III LEDs
UT190-50 MARKTECH-UT190-50 Datasheet
304Kb / 6P
Gen III LEDs
UT190-85 MARKTECH-UT190-85 Datasheet
300Kb / 6P
Gen III LEDs
RT200-5 MARKTECH-RT200-5_15 Datasheet
376Kb / 6P
Gen III LEDs
RT320-20 MARKTECH-RT320-20_15 Datasheet
375Kb / 6P
Gen III LEDs
UT190-50 MARKTECH-UT190-50_15 Datasheet
304Kb / 6P
Gen III LEDs
UT190-85 MARKTECH-UT190-85_15 Datasheet
300Kb / 6P
Gen III LEDs
logo
JMicron Technology Corp...
JMS561 JMICRON-JMS561 Datasheet
142Kb / 3P
USB3.0 to Dual SATA GenIII Ports Bridge Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com