Electronic Components Datasheet Search
  English  ▼

X  

JMS576 Datasheet(PDF) 2 Page - JMicron Technology Corporation

Part # JMS576
Description  USB 3.1 Gen1 to SATA 6Gb/s Bridge Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMS576 Datasheet(HTML) 2 Page - JMicron Technology Corporation

  JMS576 Datasheet HTML 1Page - JMicron Technology Corporation JMS576 Datasheet HTML 2Page - JMicron Technology Corporation JMS576 Datasheet HTML 3Page - JMicron Technology Corporation JMS576 Datasheet HTML 4Page - JMicron Technology Corporation JMS576 Datasheet HTML 5Page - JMicron Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JMicron/JMS576 product brief
Revision 1.0.0
© JMicron 2016. All rights reserved.
Page 2
Copying prohibited.
Features
Integrated USB Type-C
TM Multiplexer & Device CC control logic
Complies with Gen2i/Gen2m of Serial ATA II Electrical Specification 2.6
Complies with Gen3 of Serial ATA III Electrical Specification 3.2
Complies with USB 3.1 Gen1 Specification, USB Mass Storage Class, Bulk-Only Transport
Specification
Complies with USB Attached SCSI Protocol (UASP) Specification
Supports USB Super-Speed/High-Speed/Full-Speed Operation
Supports USB 2.0/USB 3.1 Gen1 power saving mode
Supports SHA-1/SHA-256 for IEEE-1667 digest calculation
Supports external SPI NVRAM for Vendor VID/PID of USB 2.0/USB 3.1 Gen1 device
controller
Supports ATA/ATAPI PACKET command set
10 GPIOs for customization
Provides hardware control PWM
Provides software utilities for downloading the upgraded firmware code under USB 2.0/USB 3.1
Gen1
Design for Windows 7, Windows 10 and MAC 10.10.5 or later version
Supports 30MHz external crystal
Embedded 5V to 1.2V voltage regulator
Embedded 5V to 3.3V linear voltage regulator (LDO)
QFN48 6x6 package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com