Electronic Components Datasheet Search
  English  ▼

X  

ST22L128 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST22L128
Description  Smartcard 32-Bit RISC MCU with 32, 64, 96, 128 Kbytes EEPROM, Javacard HW Execution & Cryptographic Library
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22L128 Datasheet(HTML) 1 Page - STMicroelectronics

  ST22L128 Datasheet HTML 1Page - STMicroelectronics ST22L128 Datasheet HTML 2Page - STMicroelectronics ST22L128 Datasheet HTML 3Page - STMicroelectronics ST22L128 Datasheet HTML 4Page - STMicroelectronics ST22L128 Datasheet HTML 5Page - STMicroelectronics ST22L128 Datasheet HTML 6Page - STMicroelectronics ST22L128 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
DATA BRIEF
September 2004
For further information contact your local ST sales office.
ST22L032, ST22L064
ST22L096, ST22L128
Smartcard 32-Bit RISC MCU with 32, 64, 96, 128 Kbytes
EEPROM, Javacard™ HW Execution & Cryptographic Library
7
PRODUCT FEATURES
I
32-BIT RISC CPU WITH 24-BIT LINEAR
MEMORY ADDRESSING
I
246 KBYTES USER ROM
I
8 KBYTES USER RAM
I
32 (L032), 64 (L064), 96 (L096) or 128 (L128)
KBYTES USER EEPROM
32-BIT RISC CPU
I
DUAL INSTRUCTION SET, JAVACARD™
AND NATIVE
I
4-STAGE PIPELINE
I
16 GENERAL PURPOSE 32-BIT
REGISTERS, AND SPECIAL REGISTERS
I
4 MASKABLE INTERRUPT LEVELS
I
SUPERVISOR AND USER MODES
SECURITY
I
CPU SECURITY INSTRUCTIONS
–
Dedicated instructions for DES and Triple
DES implementation
–
Dedicated instructions (Multiply and
Accumulate) for efficient implementation
of modular arithmetic and elliptic curves
based cryptosystems
–
CRC instruction (ISO 3309 16-bit
Checksum)
I
RANDOM NUMBER GENERATOR
I
EEPROM FLASH PROGRAMMING MODE
I
CLOCK AND POWER MANAGEMENT
I
VOLTAGE AND CLOCK FREQUENCY
SENSORS
I
ADVANCED MEMORY PROTECTION
–
Memory Protection Unit for application
firewalling and peripheral access control
–
Domain switching securely controlled by
protected Context Stack
–
Native/Java, Code/Data memory
attributes with 128-byte granularity
I
FOUR WORKING STACKS
–
Java stack with both 16 and 32-bit
accesses
–
User and Supervisor mode stacks
–
Security Context Stack
Figure 1. Delivery Form
Micromodule
Wafer


Similar Part No. - ST22L128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST22 ETC-ST22 Datasheet
155Kb / 1P
DO-35 Case
logo
Vishay Siliconix
ST220-100T4KI VISHAY-ST220-100T4KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2KI VISHAY-ST220-50T2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST22L128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF16 STMICROELECTRONICS-ST19SF16 Datasheet
27Kb / 2P
Smartcard MCU With 16 KBytes EEPROM
ST19SF32 STMICROELECTRONICS-ST19SF32 Datasheet
27Kb / 2P
Smartcard MCU With 32 KBytes EEPROM
ST19SF64 STMICROELECTRONICS-ST19SF64 Datasheet
27Kb / 2P
Smartcard MCU With 64 KBytes EEPROM
ST22N256 STMICROELECTRONICS-ST22N256 Datasheet
95Kb / 8P
Smartcard 32-Bit RISC MCU with 256 Kbytes EEPROM Javacard HW Execution & Cryptographic Library
Jun-2004
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
Smartcard MCU With 4 Kbytes EEPROM
Sep-2004
ST19WSC8 STMICROELECTRONICS-ST19WSC8 Datasheet
51Kb / 3P
Smartcard MCU With 8 Kbytes EEPROM
May-2004
ST22FJ1M STMICROELECTRONICS-ST22FJ1M Datasheet
100Kb / 8P
Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
Dec-2003
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
Oct-2004
ST22N144 STMICROELECTRONICS-ST22N144 Datasheet
90Kb / 7P
Smartcard 32-Bit RISC MCU with 144 Kbytes EEPROM Javacard HW Execution & Cryptographic Library
Oct-2004
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
Smartcard MCU With 2 Kbytes EEPROM
Sep-2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com