Electronic Components Datasheet Search
  English  ▼

X  

SM7309CSKP Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM7309CSKP
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7309CSKP Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM7309CSKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7309CSKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7309CSKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7309CSKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7309CSKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7309CSKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7309CSKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7309CSKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7309CSKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SM7309CSKP
www.sinopowersemi.com
4
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.3 - May, 2018
®
P Channel Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
P Channel
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250mA
-30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=-24V, VGS=0V
-
-
-1
mA
TJ=85°C
-
-
-30
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250mA
-1.5
-2
-2.5
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
-
-
±100
nA
RDS(ON)
e
Drain-Source On-state Resistance
VGS=-10V, IDS=-10A
-
15
19
m
W
TJ=125°C
-
21.9
-
VGS=-4.5V, IDS=-5A
-
25
34
Gfs
Forward Transconductance
VDS=5V, IDS=5A
-
13
-
S
Diode Characteristics
VSD
e
Diode Forward Voltage
ISD=-1A, VGS=0V
-
-0.75
-1
V
trr
Reverse Recovery Time
ISD=-10A, dlSD/dt=100A/ms
-
26
-
ns
ta
Charge Time
-
8
-
tb
Discharge Time
-
18
-
Qrr
Reverse Recovery Charge
-
7
-
nC
Dynamic Characteristics
f
RG
Gate Resistance
VGS=0V,VDS=0V,f=1MHz
-
3.4
-
W
Ciss
Input Capacitance
VGS=0V,
VDS=-15V,
Frequency=1.0MHz
-
1000
-
pF
Coss
Output Capacitance
-
210
-
Crss
Reverse Transfer Capacitance
-
150
-
td(ON)
Turn-on Delay Time
VDD=-15V, RL=15W,
IDS=-1A, VGEN=-10V,
RG=6W
-
11
-
ns
tr
Turn-on Rise Time
-
12
-
td(OFF)
Turn-off Delay Time
-
26
-
tf
Turn-off Fall Time
-
12
-
Gate Charge Characteristics
f
Qg
Total Gate Charge
VDS=-15V, VGS=-4.5V,
IDS=-10A
-
9.6
-
nC
Qg
Total Gate Charge
VDS=-15V, VGS=-10V,
IDS=-10A
-
21
-
Qgth
Threshold Gate Charge
-
1.5
-
Qgs
Gate-Source Charge
-
3.5
-
Qgd
Gate-Drain Charge
-
5.9
-
Note e:Pulse test ; pulse width
£300ms, duty cycle£2%.
Note f:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com