Electronic Components Datasheet Search
  English  ▼

X  

SR005 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR005
Description  0.5 AMP. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR005 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR005 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR005 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-51-
RATINGS AND CHARACTERISTIC CURVES (SR002 THRU SR006)
FIG.1- FORWARD CURRENT DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS
LEAD TEMPERATURE ( C)
O
FORWARD VOLTAGE. (V)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
FIG.4- TYPICAL JUNCTION CAPACITANCE
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
REVERSE VOLTAGE. (V)
0
0
20
40
60
80
100
120
140
160
0.2
0.4
0.6
0.8
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
SR005-SR006
SR002-SR004
Tj = 25 C
Pulse Width=300 s
1% Duty Cycld
O
.1
.3
.5
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
0.1
1.0
10
20
Tj = 125 C
O
Tj = 75 C
O
Tj = 25 C
O
0
20
40
60
80
100
120
140
.001
.01
.10
1.0
10
100
0.1
0.4
1.0
4
10
40
80
10
20
40
60
80
100
200
400
SR005-SR006
SR002-SR004
FIG.5- MAXIMUM NON-REPETITIVE FORWARD
CURRENT
SURGE
NUMBER OF CYCLES AT 60Hz
12
4
6
8 10
20
40
60 80 100
0
10
30
40
50
20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com