Electronic Components Datasheet Search
  English  ▼

X  

74331 Datasheet(PDF) 1 Page - Myrra

Part # 74331
Description  COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MYRRA [Myrra]
Direct Link  http://myrra.com/
Logo MYRRA - Myrra

74331 Datasheet(HTML) 1 Page - Myrra

  74331 Datasheet HTML 1Page - Myrra  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATASHEET
Type
VERT. and HORIZ.
Size
U9.8
Current
0.18 to 0.8 A
MYRRA P/N
74330 to 74339
Product designation
COMMON MODE CHOKE - U9.8
MECHANICAL CHARACTERISTICS - PINOUT
PCB recommended drilling diameter : 1.0 mm
ELECTRICAL CHARACTERISTICS
At 25 °C
MYRRA P/N
Common mode
inductance
(min. - max.)
Rated current
Resistance
(per winding)
Differential mode
inductance
(min.)
Resonance
frequency
(min.)
Vertical
Horizontal
74330
74335
33 ~ 56 mH
0.18 Arms
7.0
Ω max.
710 µH
210 kHz
74331
74336
18 ~ 31 mH
0.26 Arms
3.5
Ω max.
360 µH
280 kHz
74332
74337
10 ~ 17 mH
0.35 Arms
2.0
Ω max.
210 µH
400 kHz
74333
74338
4.7 ~ 8.0 mH
0.5 Arms
0.95
Ω max.
100 µH
610 kHz
74334
74339
2.2 ~ 3.7 mH
0.8 Arms
0.40
Ω max.
45 µH
910 kHz
REMARKS
RoHS compliant
UL94 V-0 materials
Class B
Ambient temperature: 50 °C max.
1.5 kV hi-pot between windings
Page 1 / 1
Vertical type
Horizontal type


Similar Part No. - 74331

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7433 FAIRCHILD-7433 Datasheet
59Kb / 5P
Quad 2-Input OR Gate
logo
Molex Electronics Ltd.
7433-70061 MOLEX8-7433-70061 Datasheet
677Kb / 6P
0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Anglewith or without Enhanced Shield, Version 4 Footprint, 136 Circuits
74335-1002 MOLEX8-74335-1002 Datasheet
218Kb / 4P
2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Signal Module, 60 Circuits, Pin Length 6.25mm (.246")
74337 MOLEX-74337 Datasheet
668Kb / 2P
0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
74337 MOLEX-74337 Datasheet
42Kb / 2P
Ultra™ VHDCI Interconnects
09/30/2016
More results

Similar Description - 74331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com