Electronic Components Datasheet Search
  English  ▼

X  

CM0502FB Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # CM0502FB
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

CM0502FB Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  CM0502FB Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. CM0502FB Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. CM0502FB Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Rev.1701
CM0502FB TYPE
●FEATURE
1.
Capable of handling the highest current(up to 5A) of any chip-type common mode filter
2.
Noise is greatly suppressed.
3.
Same as Murata DLW5BT series
●Applications
1.
Used for power line noise suppression for any electroic devices. Used to counter adapter/battery line noise
for relatively large electronic devices such as notebook , stand-alone word processor, etc.
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=4.80
±0.30 m/m ; B=5.00±0.30 m/m ; C=2.50 m/m Max (do not include solder); D=3.50 m/m Ref.
E=2.20 m/m Ref. ; F=1.10 m/m Ref.
●Specification
Part number
Common mode Impedance
Z(Ω) at 100MHz
DC Resistance
(mΩ)±40%
Rated
Current(A)
Rated
Voltage(V)
Insulation
Resistance
(MΩ)Min
BLACK
MARKING
typical
CM0502FB-101
100
9.0
6.0
50
10
A
CM0502FB-251
250
14
5.0
50
10
B
CM0502FB-501
500
19
4.0
50
10
C
CM0502FB-102
1000
24
2.5
50
10
D
CM0502FB-142
1400
40
2.0
50
10
E
Note1. Measurement ambient temperature of Impedance, DCR and IDC : at 25℃
Note2. Packing: reel ; Quantity: 2500pcs/reel


Similar Part No. - CM0502FB

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CM0504F FENGJUI-CM0504F Datasheet
203Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
CM0504F-102 FENGJUI-CM0504F-102 Datasheet
203Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
CM0504F-152 FENGJUI-CM0504F-152 Datasheet
203Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
CM0504F-191 FENGJUI-CM0504F-191 Datasheet
203Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
CM0504F-202 FENGJUI-CM0504F-202 Datasheet
203Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CM0502FB

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB100505U100 FENGJUI-FB100505U100 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CI100505-1N0S FENGJUI-CI100505-1N0S Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
CM7060F FENGJUI-CM7060F Datasheet
254Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P1210D FENGJUI-F4P1210D Datasheet
334Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012 FENGJUI-F4P2012 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H FENGJUI-F4P2012H Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P2012U3 FENGJUI-F4P2012U3 Datasheet
337Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P3225VT FENGJUI-F4P3225VT Datasheet
158Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P4532 FENGJUI-F4P4532 Datasheet
422Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P4532L FENGJUI-F4P4532L Datasheet
754Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com