Electronic Components Datasheet Search
  English  ▼

X  

F4P2012-261 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # F4P2012-261
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

F4P2012-261 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  F4P2012-261 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. F4P2012-261 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. F4P2012-261 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Rev.1501
F4P2012 TYPE
●FEATURE
1. High common mode impedance at high frequency effects excel noise suppression performance
2. Suitable for differential signal line like USB2.0, IEEE 1394 and LVDS
●Applications
1. Ideal for use as common-mode chokes for USB1.1/USB2.0/IEEE 1394 interface
●Shape and Dimension and Schematics and Land Patterns(mm)
F4P 2012 (0805)
●Specification
Dimension in m/m
PART NO.
Common Mode Impedance
(ohm) ( tolerance
25%)
Rated
Current
(mA)
Rated Voltage
(Vdc)
Insulation
Resistance
(M ohm)
Withstand
Voltage
(Vdc)
DC Resistance
(max.)
(ohm)
F4P 2012-670
67 (Typ.) at 100MHz
400
50
10 min
125
0.25
F4P 2012-900
90 (Typ.) at 100MHz
330
50
10 min
125
0.35
F4P 2012-121
120 (Typ.) at 100MHz
370
50
10 min
125
0.30
F4P 2012-161
160 (Typ.) at 100MHz
330
50
10 min
125
0.33
F4P 2012-181
180 (Typ.) at 100MHz
330
50
10 min
125
0.35
F4P 2012-221
220 (Typ.) at 100MHz
310
50
10 min
125
0.35
F4P 2012-261
260 (Typ.) at 100MHz
300
50
10 min
125
0.40
F4P 2012-371
370 (Typ.) at 100MHz
280
50
10 min
125
0.40
F4P 2012-671
670 (Typ.) at 100MHz
250
50
10 min
125
0.40
Note1. Measurement ambient temperature of electrical : at 20℃
Note2. Test equipment: HP4291A
0.4
0.4
1
2
3
4
1.3
0.4
(PADS)


Similar Part No. - F4P2012-261

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
F4P2012BT-750 FENGJUI-F4P2012BT-750 Datasheet
260Kb / 3P
Balun transformer -RoHS
F4P2012H FENGJUI-F4P2012H Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H-121 FENGJUI-F4P2012H-121 Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H-161 FENGJUI-F4P2012H-161 Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H-670 FENGJUI-F4P2012H-670 Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - F4P2012-261

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB100505U100 FENGJUI-FB100505U100 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CI100505-1N0S FENGJUI-CI100505-1N0S Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
CM0502FB FENGJUI-CM0502FB Datasheet
382Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CM7060F FENGJUI-CM7060F Datasheet
254Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P1210D FENGJUI-F4P1210D Datasheet
334Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H FENGJUI-F4P2012H Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P2012U3 FENGJUI-F4P2012U3 Datasheet
337Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P3225VT FENGJUI-F4P3225VT Datasheet
158Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P4532 FENGJUI-F4P4532 Datasheet
422Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P4532L FENGJUI-F4P4532L Datasheet
754Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com