Electronic Components Datasheet Search
  English  ▼

X  

DAC4408-MS Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # DAC4408-MS
Description  SHEV control panel - compact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

DAC4408-MS Datasheet(HTML) 2 Page - D+H Mechatronic AG

  DAC4408-MS Datasheet HTML 1Page - D+H Mechatronic AG DAC4408-MS Datasheet HTML 2Page - D+H Mechatronic AG DAC4408-MS Datasheet HTML 3Page - D+H Mechatronic AG DAC4408-MS Datasheet HTML 4Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Supply
230 V AC / 50 Hz / 240 VA
Stand-by power
5 W
Output
24 V DC / 8 A
Mode of operation monitoring
Continuous duty
Mode of operation Alarm / Ventilation
Short-time duty 30 % duty cycle
Temperature range
-5 °C ... +40 °C
Line / Group
2 / 3
Battery type
Typ 8 (2x)
Type
Art. No.
Housing
Type of
protection
W x H x D
Weight
Remark
DAC 4408-M
30.109.40
Plastic
IP 42
310 x 310 x 100 mm
5.70 kg
With alarm devices = Akku Typ 3 (2x)
DAC 4408-MS
30.109.90
Steel sheet
IP 42
400 x 300 x 120 mm
10.90 kg
With alarm devices = Akku Typ 3 (2x)
DAC 4408-M
External control
Line
Wind/rain sensor
SHEVoperationpanel
Group
Group
Room temperature control
Drive
Group
Ventilation button
Batteries must be ordered separately.
Example of application
Design
Technical data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com