Electronic Components Datasheet Search
  English  ▼

X  

KA34-K Datasheet(PDF) 1 Page - D+H Mechatronic AG

Part # KA34-K
Description  Chain drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

KA34-K Datasheet(HTML) 1 Page - D+H Mechatronic AG

  KA34-K Datasheet HTML 1Page - D+H Mechatronic AG KA34-K Datasheet HTML 2Page - D+H Mechatronic AG KA34-K Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
230 V AC
KA 34-K
Performance features
» Can be used for openings for smoke exhaust; D+H Euro SHEV in
accordance with EN 12101‑2; and for daily ventilation
» With motor electronics controlled via microprocessor
» Direct control via 230 V AC
» Special chain stabilisation
» Relief of pressure on window gasket after closing process
» Pressure applications up to 700 mm, application tension stroke lengths
>1000 mm possible
» Easy window control via 230 V AC ventilation button
» Adjustable electronic closing force optimisation
» Running speed in CLOSED direction decreases to 5 mm/s (passive closing
edge protection)
» Time‑controlled reversing when an obstacle is detected in the CLOSED
direction (active closing edge protection)
Potential drive options
KA Series   Chain drives
You can find the explanations for the icons on the last page
We reserve the right to make changes.
©2018 D+H Mechatronic AG, Ammersbek


Similar Part No. - KA34-K

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
KA34-BSY DH-KA34-BSY Datasheet
489Kb / 3P
Chain drives
More results

Similar Description - KA34-K

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDC-0252-0350-1-TMS DH-CDC-0252-0350-1-TMS Datasheet
195Kb / 2P
Chain drives
CDC-0252-0350-5-ACB DH-CDC-0252-0350-5-ACB Datasheet
411Kb / 3P
Chain drives
CDC-0252-0600-1-TMS DH-CDC-0252-0600-1-TMS Datasheet
143Kb / 2P
Chain drives
CDC-TW-0502-0500-1-ACB DH-CDC-TW-0502-0500-1-ACB Datasheet
423Kb / 3P
Chain drives
CDC-TW-0502-0800-1-ACB DH-CDC-TW-0502-0800-1-ACB Datasheet
420Kb / 3P
Chain drives
KA34 DH-KA34 Datasheet
425Kb / 3P
Chain drives
KA66-TW-K DH-KA66-TW-K Datasheet
327Kb / 3P
Chain drives
VCD203 DH-VCD203 Datasheet
455Kb / 3P
Chain drives
VCD204-K-TMS DH-VCD204-K-TMS Datasheet
366Kb / 3P
Chain drives
VCD204-TMS DH-VCD204-TMS Datasheet
381Kb / 3P
Chain drives
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com