Electronic Components Datasheet Search
  English  ▼

X  

KA54 Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # KA54
Description  Chain drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

KA54 Datasheet(HTML) 2 Page - D+H Mechatronic AG

  KA54 Datasheet HTML 1Page - D+H Mechatronic AG KA54 Datasheet HTML 2Page - D+H Mechatronic AG KA54 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G 503007
ZE
RTIFIZIERT
CERTIFIED
EN 12101-2
UR
O RWA
D+H E
UR
Supply
24 V DC / ±15 % / 1.4 A
Duty cycle
30 %
Force of pressure
500 N
Tensile force
500 N
Nominal locking force
2000 N
Service life
20000 double strokes *
OPEN running speed
11.8 mm/s
OPEN running speed ‑ SHEV
13.3 mm/s
CLOSED running speed
11.8 mm/s
Type of protection
IP 32
Emission sound pressure level
LpA ≤ 70 dB(A)
Temperature range
‑5 °C ... +75 °C
Fire resistance
B300 (30 min / 300 °C)
Housing
Aluminium
Surface
Powder‑coated
Colour
White aluminium (~ RAL 9006)
Connection
2.5 m silicone cable
Type
Art. No.
Stroke
Dimension A
Dimension B
Weight
Remark
KA 54/350
26.001.10
350 mm
247.5 mm
421 mm
1.60 kg
KA 54/500
26.001.15
500 mm
322.5 mm
496 mm
1.90 kg
KA 54/600
26.001.20
600 mm
372.5 mm
546 mm
2.20 kg
KA 54/700
26.001.25
700 mm
422.5 mm
596 mm
2.40 kg
Observe pressure load diagram!
KA 54/800
26.001.30
800 mm
472.5 mm
646 mm
2.60 kg
Observe pressure load diagram!
KA 54/1000
26.001.35
1000 mm
576.5 mm
750 mm
3.00 kg
Observe pressure load diagram!
KA‑PLP
26.000.00
Variable equipment possible
Brackets are not included and have to be ordered separately.
0
0
100 200 300 400 500 600 700
600
800 900
300
100
200
400
500
Stroke/mm
Permanent
Article also available with the following permissions under other article
numbers. Technical data may deviate.
C
US
5014068.18005-1
Dimensions
All specifications in mm
Design
* For vertical use, please consult with D+H Sales!
Pressure load diagram
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 02/2018
40
51
173.5
A
B
59



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com