Electronic Components Datasheet Search
  English  ▼

X  

KA-K-BSY Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # KA-K-BSY
Description  Chain drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

KA-K-BSY Datasheet(HTML) 2 Page - D+H Mechatronic AG

  KA-K-BSY Datasheet HTML 1Page - D+H Mechatronic AG KA-K-BSY Datasheet HTML 2Page - D+H Mechatronic AG KA-K-BSY Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZE
RTIFIZIERT
CERTIFIED
EN 12101-2
UR
O RWA
D+H E
UR
40
51
312
59
Supply
230 V AC / +10 % ... ‑15 % / 50 Hz
Duty cycle
30 %
Nominal locking force
4000 N
Service life
20000 double strokes *
CLOSED running speed
11.8 mm/s
Type of protection
IP 32
Emission sound pressure level
LpA ≤ 70 dB(A)
Temperature range
‑5 °C ... +75 °C
Fire resistance
B300 (30 min / 300 °C)
Housing
Aluminium
Surface
Powder‑coated
Connection
Silicone cable
Type
Art. No.
Remark
KA‑K‑BSY+ Set
26.007.00
Variable equipment possible
Brackets are not included and have to be ordered separately.
0
0
100 200 300 400 500 600 700
600
800 900
300
100
200
400
500
Stroke/mm
Permanent
Dimensions
All specifications in mm
Specification per drive
Specification per set
Design
* For vertical use, please consult with D+H Sales!
Pressure load diagram
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 01/2018



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com