Electronic Components Datasheet Search
  English  ▼

X  

LDF100 Datasheet(PDF) 1 Page - D+H Mechatronic AG

Part # LDF100
Description  Louvre window drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

LDF100 Datasheet(HTML) 1 Page - D+H Mechatronic AG

  LDF100 Datasheet HTML 1Page - D+H Mechatronic AG LDF100 Datasheet HTML 2Page - D+H Mechatronic AG LDF100 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24 V DC
0
100
%
LDF 100
Performance features
» Can be used for openings for smoke exhaust; D+H Euro SHEV in
accordance with EN 12101‑2; and for daily ventilation
» With motor electronics controlled via microprocessor
» High pressure and tensile force with very compact dimensions
» Force and position control for synchronous run of two drives
» Corrosion‑protected drive components
» Programmable drive functions and different drive parameters
» Additional passive and active anti‑trap protection system for the main
closing edges with reversing function
» Louvre window drive for Fieger® louvres. The louvre has to be prepared
for using the drive.
Potential drive options
LD Series   Louvre window drives
You can find the explanations for the icons on the last page
We reserve the right to make changes.
©2018 D+H Mechatronic AG, Ammersbek


Similar Part No. - LDF100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDF18PT-TR STMICROELECTRONICS-LDF18PT-TR Datasheet
1Mb / 33P
1 A very low drop voltage regulator
12-Apr-2017
More results

Similar Description - LDF100

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
Industrial drives Embedded drives
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
Industrial drives Embedded drives
logo
D+H Mechatronic AG
FRA11-BSY DH-FRA11-BSY Datasheet
319Kb / 3P
Window locking drives
LDE100 DH-LDE100 Datasheet
471Kb / 3P
Louvre window drives
LDN090 DH-LDN090 Datasheet
469Kb / 3P
Louvre window drives
LDS100 DH-LDS100 Datasheet
469Kb / 3P
Louvre window drives
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com