Electronic Components Datasheet Search
  English  ▼

X  

LDN090 Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # LDN090
Description  Louvre window drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

LDN090 Datasheet(HTML) 2 Page - D+H Mechatronic AG

  LDN090 Datasheet HTML 1Page - D+H Mechatronic AG LDN090 Datasheet HTML 2Page - D+H Mechatronic AG LDN090 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZE
RTIFIZIERT
CERTIFIED
EN 12101-2
UR
O RWA
D+H E
UR
25
413
25
Supply
24 V DC / ±15 % / 0.8 A
Duty cycle
30 %
Nominal force
900 N
Service life
20000 double strokes *
OPEN running speed
2.1 mm/s
CLOSED running speed
2.1 mm/s
Type of protection
IP 50
Emission sound pressure level
LpA ≤ 70 dB(A)
Temperature range
‑5 °C ... +75 °C
Fire resistance
B300 (30 min / 300 °C)
Housing
V2A stainless steel
W x H x D
25 x 413 x 25 mm
Weight
1.20 kg
Type
Art. No.
Stroke
Colour
Connection
Remark
LDN 090/028.5‑R
24.020.33
28.5 mm
5 m silicone cable
Right type
LDN 090/028.5‑L
24.020.34
28.5 mm
5 m silicone cable
Left type
LDN 090/028.5‑R‑WH
24.020.35
28.5 mm
White (~ RAL 9010)
5 m silicone cable
Right type
LDN 090/028.5‑L‑WH
24.020.36
28.5 mm
White (~ RAL 9010)
5 m silicone cable
Left type
LDx
24.020.10
Silicone cable
Variable equipment possible
Article also available with the following permissions under other article
numbers. Technical data may deviate.
C
US
Dimensions
All specifications in mm
Design
* For vertical use, please consult with D+H Sales!
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 01/2018



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com