Electronic Components Datasheet Search
  English  ▼

X  

F4P2012U3 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # F4P2012U3
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

F4P2012U3 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  F4P2012U3 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. F4P2012U3 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. F4P2012U3 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Rev.1702
F4P2012U3 TYPE
●FEATURE
1.
High common mode impedance at high frequency effects excel noise suppression performance
2.
Suitable for differential signal line like USB3.0, IEEE 1394 and HDMI 2.0
●Applications
1.
Ideal for use as common-mode chokes for USB2.0/USB3.0/IEEE 1394 interface
●Shape and Dimension and Schematics and Land Patterns(mm)
F4P2012U3 (0805)
●Specification
Dimension in m/m
PART NO.
Common Mode
at 100MHz
Rated
Current
Rated
Voltage
Insulation
Resistance
Withstand
Voltage
DC Resistance
(max.)
Impedance
INDUCTANCE
(mA)
(Vdc)
(MΩ)
(Vdc)
(Ω)
F4P2012U3-300
30Ω(±25%)
-
500
50
10 min
125
0.20
F4P2012U3-420
42Ω(±25%)
23nH min
500
50
10 min
125
0.12
F4P2012U3-600
60Ω(±25%)
-
500
50
10 min
125
0.15
F4P2012U3-670
67Ω(±25%)
-
500
50
10 min
125
0.15
F4P2012U3-900
90Ω(±25%)
47nH min
500
50
10 min
125
0.17
F4P2012U3-121
120Ω(±25%)
-
500
50
10 min
125
0.24
F4P2012U3-161
160Ω(±25%)
-
500
50
10 min
125
0.35
F4P2012U3-171
170Ω(±25%)
84nH min
500
50
10 min
125
0.25
F4P2012U3-181
180Ω(±25%)
-
500
50
10 min
125
0.25
F4P2012U3-201
200Ω(±25%)
-
500
50
10 min
125
0.25
F4P2012U3-221
221Ω(±25%)
-
500
50
10 min
125
0.40
F4P2012U3-261
260Ω(±25%)
147nH min
500
50
10 min
125
0.26
F4P2012U3-361
360Ω(±25%)
-
500
50
10 min
125
0.50
F4P2012U3-371
370Ω(±25%)
189nH min
500
50
10 min
125
0.32
F4P2012U3-501
500Ω(±25%)
273nH min
500
50
10 min
125
0.37
F4P2012U3-671
670Ω(±25%)
322nH min
500
50
10 min
125
0.45
F4P2012U3-901
900Ω(±25%)
413nH min
400
50
10 min
125
0.65
Note1. Measurement ambient temperature of electrical : at 20℃
Note2. Test equipment: HP4291A
0.4
0.4
1
2
3
4
1.3
0.4
(PADS)


Similar Part No. - F4P2012U3

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
F4P2012 FENGJUI-F4P2012 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012-121 FENGJUI-F4P2012-121 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012-161 FENGJUI-F4P2012-161 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012-181 FENGJUI-F4P2012-181 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012-221 FENGJUI-F4P2012-221 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - F4P2012U3

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB100505U100 FENGJUI-FB100505U100 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CI100505-1N0S FENGJUI-CI100505-1N0S Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
CM0502FB FENGJUI-CM0502FB Datasheet
382Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CM7060F FENGJUI-CM7060F Datasheet
254Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P1210D FENGJUI-F4P1210D Datasheet
334Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012 FENGJUI-F4P2012 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H FENGJUI-F4P2012H Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P3225VT FENGJUI-F4P3225VT Datasheet
158Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P4532 FENGJUI-F4P4532 Datasheet
422Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P4532L FENGJUI-F4P4532L Datasheet
754Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com