Electronic Components Datasheet Search
  English  ▼

X  

F4P3225VT Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # F4P3225VT
Description  EMI SOLOTION PRODUCTS-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

F4P3225VT Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  F4P3225VT Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. F4P3225VT Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
EMI SOLOTION PRODUCTS-RoHS
Your Perfect Inductor
Rev.1801
F4P3225VT
TYPE
●FEATURE
1. For automobile signal line
2. Same as TDK ADL3225VT type
●Applications
1. Inductor for use with separate signal and power lines in in-vehicle PoC (Power Over Coax), etc
●Shape and Dimension and Schematics and Land Patterns(mm)
F4P3225VT (1210)
●Specification
Dimension in m/m
PART NO.
INDUCTANCE
(uH) ±20%
Isat Current
(mA) typ.
Irms Current
(mA) typ.
DC Resistance
(max.)
(ohm)
F4P3225VT-4R7
4.7uH at 100KHz
720
1500
0.1
F4P3225VT-100
10uH at 100KHz
450
1300
0.15
Note1. Measurement ambient temperature of electrical : at 20℃
Note2. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note3. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)
Note4. Test equipment: HP4291A


Similar Part No. - F4P3225VT

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
F4P3225 FENGJUI-F4P3225 Datasheet
225Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P3225-102 FENGJUI-F4P3225-102 Datasheet
225Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P3225-601 FENGJUI-F4P3225-601 Datasheet
225Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P3225-900 FENGJUI-F4P3225-900 Datasheet
225Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P3225L FENGJUI-F4P3225L Datasheet
268Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - F4P3225VT

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB100505U100 FENGJUI-FB100505U100 Datasheet
64Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CI100505-1N0S FENGJUI-CI100505-1N0S Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
CM0502FB FENGJUI-CM0502FB Datasheet
382Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
CM7060F FENGJUI-CM7060F Datasheet
254Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P1210D FENGJUI-F4P1210D Datasheet
334Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012 FENGJUI-F4P2012 Datasheet
217Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P2012H FENGJUI-F4P2012H Datasheet
299Kb / 2P
EMI SOLOTION PRODUCTS-RoHS
F4P2012U3 FENGJUI-F4P2012U3 Datasheet
337Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P4532 FENGJUI-F4P4532 Datasheet
422Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
F4P4532L FENGJUI-F4P4532L Datasheet
754Kb / 3P
EMI SOLOTION PRODUCTS-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com