Electronic Components Datasheet Search
  English  ▼

X  

HFMP1365 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # HFMP1365
Description  Flat wire Inductor-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

HFMP1365 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  HFMP1365 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. HFMP1365 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. HFMP1365 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
Flat wire Inductor-RoHS
Your Perfect Inductor
www.fengjui.com.tw
Rev.1501
HFMP1365 TYPE
●FEATURE
1. Shielded constrution
2. Frequency range up to 5MHz, Low DCR(uH)
3. Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=14.00m/m MAX ; B= 13.30m/m MAX ; C=6.50m/m MAX
●Specification
P/N
L
(μH)
RDC
(mΩ) Typical
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
HFMP1365-R22M
0.22±20%
0.35
0.39
65.0
32.0
HFMP1365-R47M
0.47±20%
0.67
0.74
50.0
30.0
HFMP1365-R82M
0.82±20%
0.90
0.99
35.0
27.0
HFMP1365-1R3M
1.3±20%
1.80
1.98
25.0
25.0
HFMP1365-2R0M
2.0±20%
2.60
2.86
22.0
23.0
HFMP1365-2R8M
2.8±20%
3.30
3.63
17.5
20.0
HFMP1365-3R7M
3.7±20%
4.90
5.39
16.0
17.0
HFMP1365-4R7M
4.7±20%
7.00
7.70
15.0
13.0
HFMP1365-6R0M
6.0±20%
8.40
9.24
14.0
12.0
HFMP1365-7R3M
7.3±20%
5.90
6.49
12.0
13.0
HFMP1365-9R2M
9.2±20%
7.80
8.58
10.5
12.0
HFMP1365-110M
11±20%
9.10
10.0
9.5
11.0
HFMP1365-130M
13±20%
11.2
12.32
9.0
10.0
HFMP1365-150M
15±20%
14.8
16.28
8.0
9.0
HFMP1365-220M
22±20%
24.7
27.17
6.5
6.0


Similar Part No. - HFMP1365

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
HFMP1005 FENGJUI-HFMP1005 Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
HFMP1005-1R2M FENGJUI-HFMP1005-1R2M Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
HFMP1005-1R8M FENGJUI-HFMP1005-1R8M Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
HFMP1005-2R4M FENGJUI-HFMP1005-2R4M Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
HFMP1005-3R3M FENGJUI-HFMP1005-3R3M Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
More results

Similar Description - HFMP1365

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWPQ2616 ALLIED-FWPQ2616 Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
XFMRS Inc.
XFHCL35-4R7M XFMRS-XFHCL35-4R7M Datasheet
48Kb / 1P
SMD Flat Wire High Current Inductor
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
FWPQ2617S-330K ALLIED-FWPQ2617S-330K Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
logo
MPS Industries, Inc.
H1100 MPSIND-H1100 Datasheet
316Kb / 1P
FLAT WIRE HIGH CURRENT INDUCTOR
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
FENGJUI TECHNOLOGY CO.,...
HFMP1005 FENGJUI-HFMP1005 Datasheet
143Kb / 2P
Flat wire Inductor-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com