Electronic Components Datasheet Search
  English  ▼

X  

PI13067 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PI13067
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PI13067 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PI13067 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PI13067 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PI13067 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PI13067 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. PI13067 Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD. PI13067 Datasheet HTML 6Page - FENGJUI TECHNOLOGY CO., LTD. PI13067 Datasheet HTML 7Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
PI 13067 TYPE
●FEATURE
1.
Shielded construction
2.
Frequency range up to 5MHz, Low DCR(
Ω), Low Buzz Noise
●Applications
1.
Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=12.90m/m Max ; B=14.00m/m Max ; C=6.70m/m Max. ; D=refer Note.7;
E=2.40m/m Ref. ; G=14.00m/m Ref. ; H=5.15m/m Ref. ; I=7.60m/m Ref.
●Specification
P/N
L
(
μH)
RDC
(m
Ω) Typical
RDC
(m
Ω)Max
Isat
(A)
Irms
(A)
PI13067-R10N
0.10±30%
0.25
0.50
80.0
60.0
PI13067-R22M
0.22±20%
0.45
0.70
75.0
53.0
PI13067-R30M
0.30±20%
0.50
0.80
72.0
48.0
PI13067-R33M
0.33±20%
0.51
0.80
65.0
46.0
PI13067-R40M
0.40±20%
0.60
1.00
64.0
44.0
PI13067-R47M
0.47±20%
0.75
1.20
63.0
41.0
PI13067-R56M
0.56±20%
0.90
1.40
62.0
37.0
PI13067-R68M
0.68±20%
1.00
1.60
51.0
35.0
PI13067-R82M
0.82±20%
1.55
1.90
50.0
33.0
PI13067-1R0M
1.0±20%
1.85
2.00
49.0
32.0
PI13067-1R2M
1.2±20%
2.30
2.50
45.0
30.0
PI13067-1R5M
1.5±20%
2.30
3.00
40.0
25.0
PI13067-2R2M
2.2±20%
3.50
4.20
33.0
22.0
PI13067-3R3M
3.3±20%
5.50
6.80
29.0
18.0
PI13067-4R7M
4.7±20%
9.80
11.2
25.0
13.5
PI13067-5R6M
5.6±20%
10.5
11.5
21.0
12.0
PI13067-6R8M
6.8±20%
13.8
14.9
16.5
11.5
PI13067-8R2M
8.2±20%
15.1
16.6
16.0
10.5
PI13067-100M
10±20%
17.5
18.5
15.5
10.0


Similar Part No. - PI13067

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PI13067Q1 FENGJUI-PI13067Q1 Datasheet
199Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13067Q1-100M FENGJUI-PI13067Q1-100M Datasheet
199Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13067Q1-1R0M FENGJUI-PI13067Q1-1R0M Datasheet
199Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13067Q1-1R2M FENGJUI-PI13067Q1-1R2M Datasheet
199Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13067Q1-1R5M FENGJUI-PI13067Q1-1R5M Datasheet
199Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PI13067

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com