Electronic Components Datasheet Search
  English  ▼

X  

PIT03012 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # PIT03012
Description  HIGH CURRENT INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

PIT03012 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  PIT03012 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. PIT03012 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. PIT03012 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. PIT03012 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
HIGH CURRENT INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
PIT03012 TYPE
●FEATURE
1. Shielded construction
2. Frequency range up to 5MHz, Low DCR(Ω),Low Buzz Noise
●Applications
1. Notebook, server application, High current power supplier
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=3.40m/m Max ; B=3.70m/m Max ; C=1.20m/m Max. ; D=1.20±0.2m/m Ref. ;
E=1.00m/m Ref. ; G=4.10m/m ; H=1.45m/m ; I=1.90m/m
●Specification
P/N
L
(μH)
RDC
(mΩ) Typ.
RDC
(mΩ) Max
Isat
(A)
Irms
(A)
PIT03012-R47□
0.47
25.0
30.0
7.2
5.0
PIT03012-R56□
0.56
31.0
36.0
6.6
4.5
PIT03012-R68□
0.68
34.0
40.0
6.1
4.0
PIT03012-1R0□
1.0
50.0
60.0
5.5
3.3
PIT03012-1R5□
1.5
71.0
85.0
4.0
3.0
PIT03012-2R2□
2.2
98.0
115
3.4
2.7
PIT03012-3R3□
3.3
191
210
3.1
2.0
PIT03012-4R7□
4.7
266
293
2.8
1.6
PIT03012-5R6□
5.6
310
360
2.2
1.5
PIT03012-6R8□
6.8
360
400
2.0
1.4
PIT03012-8R2□
8.2
420
463
1.7
1.2
PIT03012-100□
10
498
550
1.4
1.0
Note1. Measurement frequency of Inductance value : at 100KHz, 1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ) from its value without current
Note4. Irms: Average current for 40℃ temperature rise from 25℃ ambient(typical)
Note5. Inductance tolerance□: M: ±20% ; N: ±30%
Note6. Packing: reel ; Quantity: 4000 Piece
Note7. Inductance: 1R5=1.50uH;Marking: 1.5


Similar Part No. - PIT03012

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PIT03020 FENGJUI-PIT03020 Datasheet
342Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT03020-100 FENGJUI-PIT03020-100 Datasheet
342Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT03020-1R0 FENGJUI-PIT03020-1R0 Datasheet
342Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT03020-1R5 FENGJUI-PIT03020-1R5 Datasheet
342Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT03020-2R2 FENGJUI-PIT03020-2R2 Datasheet
342Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - PIT03012

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC0872A FENGJUI-MC0872A Datasheet
240Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1093A FENGJUI-MC1093A Datasheet
237Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07018Q1 FENGJUI-PI07018Q1 Datasheet
193Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PI07024 FENGJUI-PI07024 Datasheet
172Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI13038 FENGJUI-PI13038 Datasheet
171Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PI17070 FENGJUI-PI17070 Datasheet
181Kb / 3P
HIGH CURRENT INDUCTOR-RoHS
PIC05030 FENGJUI-PIC05030 Datasheet
319Kb / 4P
HIGH CURRENT INDUCTOR-RoHS
PIT04020A FENGJUI-PIT04020A Datasheet
181Kb / 2P
HIGH CURRENT INDUCTOR-RoHS
PIT05030 FENGJUI-PIT05030 Datasheet
353Kb / 6P
HIGH CURRENT INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com