Electronic Components Datasheet Search
  English  ▼

X  

UT51C164 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # UT51C164
Description  256K X 16 BIT EDO DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT51C164 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button UT51C164 Datasheet HTML 17Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 18Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 19Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 20Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 21Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 22Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 23Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 24Page - List of Unclassifed Manufacturers UT51C164 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
UTRON
UT51C164
Rev 1.4
256K X 16 BIT EDO DRAM
UTRON TECHNOLOGY INC.
P90005
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
21
VIH -
VIL -
VIH -
VIL -
RAS
VIH -
VIL -
VIH -
VIL -
UCAS,
LCAS
VIH -
VIL -
Address
VIH -
VIL -
WE VIH
-
VIL -
DQ
t RC(2)
t RAS(1)
t RP(3)
t CHR(49)
t RSH(12)
t
CRP(13)
t CRP(13)
t
ASR(8)
t CAH(11)
t
WCH(28)
COLUMN
ADDRESS
t RC(2)
t RAS(1)
t
RP(3)
t RCD(6)
t AR(23)
ROW
ADD
t RAH(9)
t RAD(24)
t ASC(10)
t
DH(33)
VIH -
VIL -
OE
VALID DATA -IN
tWCS(27)
t DS(32)
t
DHR(46)
VIH -
VIL -
Undefined
UTRON EDO Mode, X16 (2CAS) Device Timing Diagram
―
Waveforms of Hidden Refresh Cycle (Write)
don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com