Electronic Components Datasheet Search
  English  ▼

X  

MBR1545CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR1545CT
Description  15A Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1545CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR1545CT Datasheet HTML 1Page - Vishay Siliconix MBR1545CT Datasheet HTML 2Page - Vishay Siliconix MBR1545CT Datasheet HTML 3Page - Vishay Siliconix MBR1545CT Datasheet HTML 4Page - Vishay Siliconix MBR1545CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR1530CT–MBR1560CT
Vishay Lite–On Power Semiconductor
Rev. A2, 24-Jun-98
2 (5)
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol Min
Typ
Max
Unit
Forward voltage
IF=7.5A, TC=125°C
MBR1530CT
VF
0.57
V
g
IF=15A, TC=25°C
–MBR1545CT
VF
0.84
V
IF=15A, TC=125°C
VF
0.72
V
IF=7.5A, TC=125°C
MBR1550CT
VF
0.65
V
IF=15A, TC=25°C
–MBR1560CT
VF
0.90
V
IF=15A, TC=125°C
VF
0.80
V
Reverse current
TC=25°C
MBR1530CT
IR
0.1
mA
TC=125°C
–MBR1545CT
IR
15
mA
TC=25°C
MBR1550CT
IR
1.0
mA
TC=125°C
–MBR1560CT
IR
50
mA
Diode capacitance
VR=4V, f=1MHz
CD
300
pF
Thermal resistance
junction to case
TL=const.
RthJC
1.7
K/W
Voltage rate of change
( Rated VR )
MBR1530CT
–MBR1540CT
dV/dt
1000
K/W
(
R )
MBR1545CT
–MBR1560CT
dV/dt
10000
K/W
Characteristics (Tj = 25_C unless otherwise specified)
0
4
8
0
50
100
150
12
16
20
15341
Tamb – Ambient Temperature ( °C )
Figure 1. Max. Average Forward Current vs.
Ambient Temperature
0.1
1.0
10
50
0.2
0.4
0.6
0.8
1.0
IF Pulse Width = 300 µs
Tj = 25°C
2% Duty Cycle
15342
VF – Forward Voltage ( V )
MBR1530 – MBR1545
MBR1550 – MBR1560
Figure 2. Typ. Forward Current vs. Forward Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com