Electronic Components Datasheet Search
  English  ▼

X  

N32001U7DN Datasheet(PDF) 28 Page - Nuvoton Technology Corporation

Part # N32001U7DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32001U7DN Datasheet(HTML) 28 Page - Nuvoton Technology Corporation

Back Button N32001U7DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 31Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 32Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
28
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Pin Name
I/O
Type
Description
TVDAC_VSS33
G
TV DAC Ground (0V)
●
●
ADC_VDD33
P
ADC Power (3.3V)
●
●
●
●
●
●
●
ADC_VSS33
G
ADC Ground (0V)
●
●
●
●
●
●
●
ADAC_HPVDD33
P
Audio DAC Headphone Driver Power (3.3V)
●
●
●
●
●
●
●
ADAC_HPVSS33
G
Audio DAC Headphone Driver Ground (0V)
●
●
●
●
●
●
●
ADAC_AVDD33
P
Audio DAC Power (3.3V)
●
●
●
●
●
●
●
ADAC_AVSS33
G
Audio DAC Ground (0V)
●
●
●
●
●
●
●
VDD33
P
I/O Power (3.3V)
●
●
●
●
●
●
●
VDD18
P
Core Logic Power (1.8V)
●
●
●
●
●
●
●
VSS
G
Ground (0V)
●
●
●
●
●
●
●
4.2
Pin Type Description
Type
Description
I
Input
O
Output
OD
Open Drain output
IO
Input / Output
IOD
Input with pull-Down / Output
IOU
Input with pull-Up / Output
IOSU
Input with Schmitt trigger & pull-Up/ Output
P
Power
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com