Electronic Components Datasheet Search
  English  ▼

X  

SPD61089 Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # SPD61089
Description  High Voltage Ringing SLIC Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD61089 Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  SPD61089 Datasheet HTML 1Page - Will Semiconductor Ltd. SPD61089 Datasheet HTML 2Page - Will Semiconductor Ltd. SPD61089 Datasheet HTML 3Page - Will Semiconductor Ltd. SPD61089 Datasheet HTML 4Page - Will Semiconductor Ltd. SPD61089 Datasheet HTML 5Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPD61089
Will Semiconductor Ltd.
2
Oct, 2018 - Rev.1.5
Absolute Maximum ratings
Parameter Measurement Information
Parameter
Symbol
Value
Unit
Non-repetitive
peak on-state
pulse current
10/1000us
(
Telcordia (Bellcore) GR-1089-CORE, Issue 3)
IPPSM
40
A
5/310us
(
ITU-T K.20, K.21& K.45, K.44 open-circuit voltage wave shape 10/700 µs)
50
2/10us
(Telcordia (Bellcore) GR-1089-CORE, Issue 3)
120
Non repetitive
peak on-state current
(sinusoidal) 60Hz
0.1s
ITSM
6.5
A
1s
4.5
5s
2.4
30s
1.3
900s
0.72
Repetitive peak off-state voltage, VGK=0
VDRM
-170
V
Repetitive peak gate-cathode voltage, VKA=0
VGKRM
-167
V
Operating free-air temperature range
TA
-40-85
°C
Storage temperature range
TSTG
-40-150
°C
Junction temperature
TJ
-40-150
°C
Maximum lead temperature for soldering during 10s
TL
260
°C
Junction to free air thermal resistance
RθJA
120
°C /W
Parameter
Symbol
Off-state current
ID
Holding current
IH
Breakover voltage
V(BO)
Forward voltage
VF
Peak forward recovery voltage
VFRM
Gate-cathode impulse breakover voltage
VGK(BD)
Gate reverse current
IGKS
Gate trigger current
IGT
Gate-cathode trigger voltage
VGT
Cathode-anode off-state capacitance
CKA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com