Electronic Components Datasheet Search
  English  ▼

X  

MUR240TG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # MUR240TG
Description  Glass Passivated Silicon Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

MUR240TG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  MUR240TG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. MUR240TG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
•
•
•
•
•
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, DO-15
: Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity: Color band denotes cathode end
Mounting Position : Any
Lead
Weight : Approximated 0.40 gram
High current capability.
High surge current capability.
Glass passivated chip junction structure.
Axial lead type devices for through hole design
Lead-free parts meet RoHS requirments.
• Superfast recovery time for switching mode application.
•
•
•
•
•
Maximum ratings (AT T =25
A
oC unless otherwise noted)
MUR205TG
MUR210TG
MUR215TG
50
100
150
35
70
105
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =2.0A
*5 Reverse recovery time
F
, note 1
V
F
(V)
*4
MUR230TG
MUR240TG
300
400
210
280
1.25
-55 to +150
MUR250TG
MUR260TG
500
600
350
420
T
RR
(nS)
*5
35
50
100
150
300
400
500
600
0.95
1.70
MUR220TG
200
140
200
(C)
O
Operating
temperature
T,
J
Note 1. Reverse recovery time test condition, I =0.5A, I =1.0A, I
=0.25A
FRRR
MUR205TG THRU MUR260TG
Glass Passivated Silicon Rectifier
2.0A Leaded Type Super
Fast Rectifiers - 50-600V
Features
Mechanical data
DO-15
Package outline
Dimensions in inches and (millimeters)
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/2
0.140(3.6)
0.104(2.6)
DIA.
0.034(0.9)
0.023(0.6)
DIA.
1.0 (25.4)
MIN.
0.300(7.6)
0.230(5.8)
1.0 (25.4)
MIN.
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
O
Ambient temperature = 50 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θJA
C
J
T
STG
A
A
µA
OC/W
OC
pF
2.0
50
10
+150
-55
50
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
Junction to ambient
60
100


Similar Part No. - MUR240TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR240 ONSEMI-MUR240 Datasheet
55Kb / 6P
SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MUR240 ONSEMI-MUR240 Datasheet
55Kb / 5P
SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
logo
Rectron Semiconductor
MUR240 RECTRON-MUR240 Datasheet
192Kb / 3P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 2.0 Amperes
logo
Gulf Semiconductor
MUR240 GULFSEMI-MUR240 Datasheet
74Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:2.0A
logo
Yea Shin Technology Co....
MUR240 YEASHIN-MUR240 Datasheet
396Kb / 3P
Power Rectifier These state?뭥f?뭪he?뭓rt devices are designed for use in switching power supplies
More results

Similar Description - MUR240TG

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Semiconducto...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
MUR1060 RECTRON-MUR1060 Datasheet
391Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
MUR1060P RECTRON-MUR1060P Datasheet
604Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
MUR1560 RECTRON-MUR1560 Datasheet
300Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
FM807C RECTRON-FM807C Datasheet
334Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com