Electronic Components Datasheet Search
  English  ▼

X  

MSM7581 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7581
Description  ITU-T G.721 4ch ADPCM TRANSCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7581 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7581 Datasheet HTML 1Page - OKI electronic componets MSM7581 Datasheet HTML 2Page - OKI electronic componets MSM7581 Datasheet HTML 3Page - OKI electronic componets MSM7581 Datasheet HTML 4Page - OKI electronic componets MSM7581 Datasheet HTML 5Page - OKI electronic componets MSM7581 Datasheet HTML 6Page - OKI electronic componets MSM7581 Datasheet HTML 7Page - OKI electronic componets MSM7581 Datasheet HTML 8Page - OKI electronic componets MSM7581 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
¡ Semiconductor
MSM7581
BLOCK DIAGRAM
PAD11
PAD10
SYXP1
BCKP1
SIP1
SOP1
SYRP1
RES1
PLL
CODER
DECODER
CODER
S→P
DECODER
S←P
PAD/
MUTE
MCK
CODER
P→S
DECODER
P←S
"0000"
DETECT
THR1
PLCK1
SYXA1
BCKA1
SOA1
SYRA1
PDN1
SIA1
DET1
PAD21
PAD20
SYXP2
BCKP2
SIP2
SOP2
SYRP2
RES2
PLL
CODER
DECODER
CODER
S→P
DECODER
S←P
PAD/
MUTE
MCK
CODER
P→S
DECODER
P←S
"0000"
DETECT
THR2
PLCK2
SYXA2
BCKA2
SOA2
SYRA2
PDN2
SIA2
DET2
PAD31
PAD30
SYXP3
BCKP3
SIP3
SOP3
SYRP3
RES3
PLL
CODER
DECODER
CODER
S→P
DECODER
S←P
PAD/
MUTE
MCK
CODER
P→S
DECODER
P←S
"0000"
DETECT
THR3
PLCK3
SYXA3
BCKA3
SOA3
SYRA3
PDN3
SIA3
DET3
PAD41
PAD40
SYXP4
BCKP4
SIP4
SOP4
SYRP4
RES4
PLL
CODER
DECODER
CODER
S→P
DECODER
S←P
PAD/
MUTE
MCK
CODER
P→S
DECODER
P←S
"0000"
DETECT
THR4
PLCK4
SYXA4
BCKA4
SOA4
SYRA4
PDN4
SIA4
DET4
0 V
LAW
+2.7 V to 5.5 V
VDD
PLCKEN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com