Electronic Components Datasheet Search
  English  ▼

X  

S3D18P Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # S3D18P
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

S3D18P Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  S3D18P Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. S3D18P Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. S3D18P Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
S3D18P TYPE
●FEATURE
1. Low profile and small size (Height: 1.8mm Max)
2. Shielding type
●Applications
1. LCD panels, Digital camera, PDA and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Part Number
L(uH)
DOT Marking
DCR(Ω±20%)
Isat(A)
Irms(A)
S3D18P-1R0M
1.0±20%
BLACK
0.038
3.20
2.40
S3D18P-1R2M
1.2±20%
BROWN
0.044
3.00
2.20
S3D18P-1R5M
1.5±20%
RED
0.050
2.70
2.20
S3D18P-1R8M
1.8±20%
ORANGE
0.058
2.40
2.00
S3D18P-2R2M
2.2±20%
YELLOW
0.062
2.20
1.90
S3D18P-2R7M
2.7±20%
GREEN
0.068
2.10
1.80
S3D18P-3R3M
3.3±20%
BLUE
0.080
1.88
1.65
S3D18P-3R9M
3.9±20%
VIOLET
0.084
1.80
1.56
S3D18P-4R7M
4.7±20%
GRAY
0.099
1.46
1.40
S3D18P-5R6M
5.6±20%
WHITE
0.110
1.40
1.30
S3D18P-6R8M
6.8±20%
BLACK
0.128
1.26
1.20
S3D18P-8R2M
8.2±20%
BROWN
0.146
1.24
1.15
S3D18P-100M
10±20%
RED
0.165
1.10
1.05
S3D18P-120M
12±20%
ORANGE
0.254
1.00
0.80
S3D18P-150M
15±20%
YELLOW
0.320
0.88
0.72
S3D18P-180M
18±20%
GREEN
0.360
0.84
0.68
S3D18P-220M
22±20%
BLUE
0.418
0.74
0.65
S3D18P-270M
27±20%
VIOLET
0.450
0.70
0.60
S3D18P-330M
33±20%
GRAY
0.620
0.58
0.58


Similar Part No. - S3D18P

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
S3D10065A SMCDIODE-S3D10065A Datasheet
1Mb / 11P
10A 650V SIC POWER SCHOTTKY RECTIFIERS
REV.D
S3D10065D1 SMCDIODE-S3D10065D1 Datasheet
1Mb / 11P
10A 650V SIC POWER SCHOTTKY RECTIFIERS
REV.D
S3D10065E SMCDIODE-S3D10065E Datasheet
1Mb / 11P
10A 650V SIC POWER SCHOTTKY RECTIFIERS
REV.D
S3D10065E1 SMCDIODE-S3D10065E1 Datasheet
1Mb / 7P
650V SIC POWER SCHOTTKY RECTIFIER
REV. -
S3D10065E1TR SMCDIODE-S3D10065E1TR Datasheet
1Mb / 7P
650V SIC POWER SCHOTTKY RECTIFIER
REV. -
More results

Similar Description - S3D18P

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com