Electronic Components Datasheet Search
  English  ▼

X  

SDIA4010 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SDIA4010
Description  SLIM INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SDIA4010 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SDIA4010 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SDIA4010 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
SDIA4010 TYPE
●FEATURE
1.
Low profile and small size (Height: 1.00mm Max)
2.
Low DC resistance
●Applications
1.
LCD panels
2.
Digital camera , PDA and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=4.00±0.20m/m ; B=1.00 m/m Max(do not include soldering) ; C= 1.40m/m REF
●Specification
Part Number
L(uH)
DCR(ΩMax)
Isat(A)
Irms(A)
SDIA4010-1R5N
1.5±30%
0.104
1.50
1.50
SDIA4010-2R2M
2.2±20%
0.148
1.30
1.30
SDIA4010-3R3M
3.3±20%
0.171
1.25
1.25
SDIA4010-4R7M
4.7±20%
0.260
1.20
1.20
SDIA4010-6R8M
6.8±20%
0.360
1.00
1.00
SDIA4010-100M
10±20%
0.533
0.80
0.80
SDIA4010-220M
22±20%
1.360
0.36
0.36
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Inductance Tolerance: M : ±20%
Note4. Isat : △L/L≦30%(This indicates the value of current when the inductances is 30% lower than its initial
value at D.C. superimposition)
Note5. Irms:
D.C. current when at Δt=40℃(typ.).(Ta=25℃)
Note6.Packaging: Taping ; Quantity: 1000 Pieces/reel
3.70REF
4.20REF


Similar Part No. - SDIA4010

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SDIA4012 FENGJUI-SDIA4012 Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4012-100M FENGJUI-SDIA4012-100M Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4012-2R2M FENGJUI-SDIA4012-2R2M Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4012-3R3M FENGJUI-SDIA4012-3R3M Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4012-4R7M FENGJUI-SDIA4012-4R7M Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
More results

Similar Description - SDIA4010

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com