Electronic Components Datasheet Search
  English  ▼

X  

SDIA4030 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SDIA4030
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SDIA4030 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  SDIA4030 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SDIA4030 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SDIA4030 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
SDIA4030 TYPE
●FEATURE
1. Low profile and small size (Height: 3.0mm Max)
2. Low DC resistance
3. Four terminal structure
●Applications
1. LCD panels
2. Digital camera , PDA and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=4.00±0.20m/m ; B=4.00±0.20m/m ; C= 3.0m/m MAX
●Specification
Part Number
L(uH)
STAMP
DCR(Ω±30%)
Isat(A)
Irms
SDIA4030-R91N
0.91±30%
R91
0.022
6.25
3.15
SDIA4030-1R2N
1.2±30%
1R2
0.025
5.80
2.96
SDIA4030-1R5N
1.5±30%
1R5
0.030
5.40
2.92
SDIA4030-1R8N
1.8±30%
1R8
0.035
5.20
2.90
SDIA4030-2R2N
2.2±30%
2R2
0.040
4.90
2.50
SDIA4030-3R3M
3.3±20%
3R3
0.060
3.30
2.20
SDIA4030-4R3M
4.3±20%
4R3
0.072
2.95
1.90
SDIA4030-4R7M
4.7±20%
4R7
0.078
2.90
1.70
SDIA4030-5R6M
5.6±20%
5R6
0.090
2.60
1.65
SDIA4030-6R2M
6.2±20%
6R2
0.110
2.50
1.60
SDIA4030-6R8M
6.8±20%
6R8
0.110
2.45
1.60
SDIA4030-7R5M
7.5±20%
7R5
0.120
2.20
1.55
SDIA4030-8R2M
8.2±20%
8R2
0.130
2.10
1.50
SDIA4030-9R1M
9.1±20%
9R1
0.140
2.00
1.48
SDIA4030-100M
10±20%
100
0.150
1.95
1.45
SDIA4030-120M
12±20%
120
0.170
1.70
1.30
SDIA4030-150M
15±20%
150
0.230
1.65
1.10
3.70REF


Similar Part No. - SDIA4030

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
SDIA4010 FENGJUI-SDIA4010 Datasheet
200Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4010-100M FENGJUI-SDIA4010-100M Datasheet
200Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4010-1R5N FENGJUI-SDIA4010-1R5N Datasheet
200Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4010-220M FENGJUI-SDIA4010-220M Datasheet
200Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4010-2R2M FENGJUI-SDIA4010-2R2M Datasheet
200Kb / 2P
SLIM INDUCTOR-RoHS
More results

Similar Description - SDIA4030

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
S3D18P FENGJUI-S3D18P Datasheet
160Kb / 3P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
TPRH2D14 FENGJUI-TPRH2D14 Datasheet
182Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com