Electronic Components Datasheet Search
  English  ▼

X  

SIP41109DB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP41109DB
Description  Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41109DB Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP41109DB Datasheet HTML 1Page - Vishay Siliconix SIP41109DB Datasheet HTML 2Page - Vishay Siliconix SIP41109DB Datasheet HTML 3Page - Vishay Siliconix SIP41109DB Datasheet HTML 4Page - Vishay Siliconix SIP41109DB Datasheet HTML 5Page - Vishay Siliconix SIP41109DB Datasheet HTML 6Page - Vishay Siliconix SIP41109DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BOOT
SO-8
5
6
7
8
Top View
2
3
4
1
UGATE
PHASE
PWM
PVCC
VCC
GND
LGATE
SiP41109
SiP41110
SiP41109/41110
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73023
S-51104—Rev. A, 13-Jun-05
TIMING WAVEFORMS
td(on)L
td(off)H
td(off)L
PWM
UGate
LGate
td(on)H
10%
90%
50%
90%
10%
10%
10%
50%
90%
90%
tfL
trH
trL
tfH
2.5 V
Phase
PIN CONFIGURATION AND TRUTH TABLE
TRUTH TABLE
PWM
UGATE
LGATE
L
L
H
H
H
L
Tri-State
L
L
ORDERING INFORMATION
Part Number
Temperature Range
Marking
SiP41109DY-T1—E3
−40 to 85_C
41109
SiP41110DY-T1—E3
−40 to 85_C
41110
Eval Kit
Temperature Range
SiP41109DB
−40 to 85_C
SiP41110DB
−40 to 85_C
PIN DESCRIPTION
Pin Number
Name
Function
1
UGATE
8-V high-side MOSFET gate drive
2
BOOT
Bootstrap supply for high-side driver. The bootstap capacitor is connected between BOOT and PHASE.
3
PWM
Input signal for the MOSFET drivers and tri-state enable
4
GND
Ground
5
LGATE
Synchronous or low-side MOSFET gate drive
6
VCC
12-V supply. Connect a bypass capacitor w1 mF from here to ground
7
PVCC
8-V Voltage Regulator Output. Connect a bypass capacitor w1 mF from here to ground
8
PHASE
Connection to source of high-side MOSFET, drain of the low-side MOSFET, and the inductor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com