Electronic Components Datasheet Search
  English  ▼

X  

ALC883 Datasheet(PDF) 36 Page - Realtek Semiconductor Corp.

Part # ALC883
Description  7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC883 Datasheet(HTML) 36 Page - Realtek Semiconductor Corp.

Back Button ALC883 Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 34Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC883 Datasheet HTML 40Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
ALC883 Series
Datasheet
7.1+2 Channel High Definition Audio Codec
28
Track ID: JATR-1076-21
Rev. 1.3
8.1.9.
Parameter – Pin Capabilities (Verb ID=F00h, Parameter ID=0Ch)
The Pin Capabilities parameter returns a bit field describing the capabilities of the Pin Complex widget.
Table 26. Parameter – Pin Capabilities (Verb ID=F00h, Parameter ID=0Ch)
Codec Response Format
Bit
Description
31:16
Reserved. Read as 0’s
15:8
VREF Control Capability
‘1’ in corresponding bit field indicates signal levels of associated Vrefout are specified as a percentage of
AVDD.
7:6
5
4
3
2
1
0
Reserved
100%
80%
Reserved
Ground
50%
Hi-Z
7
L-R Swap. Indicates the capability of swapping the left and rights
6
Balanced I/O Pin
‘1’ indicates this pin complex has balanced pins
5
Input Capable
‘1’ indicates this pin complex supports input
4
Output Capable
‘1’ indicates this pin complex supports output
3
Headphone Drive Capable
‘1’ indicates this pin complex has an amplifier to drive a headphone
2
Presence Detect Capable
‘1’ indicates this pin complex can detect whether there is anything plugged in
1
Trigger Required
‘1’ indicates whether a software trigger is required for an impedance measurement
0
Impedance Sense Capable
‘1’ indicates this pin complex can perform analog sense on the attached device to determine its type
Note: Only Pin Complex widgets support this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com