Electronic Components Datasheet Search
  English  ▼

X  

TM2291 Datasheet(PDF) 3 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM2291
Description  Infrared Sensor Signal Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM2291 Datasheet(HTML) 3 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM2291 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2291 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2291 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2291 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2291 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2291 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2291 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
红外传感信号处理器
TM2291
©Titan Micro Electronics
www.titanmec.com
V1.1
- 3 -
1IN-
第一级运算
放大器的反
相输入端
15
可并联接上2MΩ电阻和10nF电容,再接
入第一级运算放大器的输出端
1OUT
第一级运算
放大器的输
出端
16
可并联接上2MΩ电阻和10nF电容,再接
入第一级运算放大器的反相输入端
五、工作原理
状态
控制器
延迟时间
定时器Tx
封锁时间
定时器Ti
参考
电源
A
1
14
15
16
12
13
9
8
1IN+
1IN-
1OUTo
2IN-
2OUTo
VC
VM
VR
V R F/
R E S E T
VH
VM
VL
VR
R E S E T
U2
VDD
VSS
IB
2
Vo
3
4
5
6
RR1
RC1
RR2
RC2
R1
R2
RB
C1
C2
VH
VL
U1
COP2
COP1
OP1
OP2
COP3
VS
11
7
10
图2 TM2291原理框图
图2为TM2291红外传感信号处理器的原理框图。外接元件由使用者根据需要选择。
由图可见TM2291是又运算放大器、电压比较器和状态控制器、延迟定时器、封锁时间定时器及参考
电压源等构成的数模混合专用集成电路。可广泛应用于多种传感器和延时控制器。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com