Electronic Components Datasheet Search
  English  ▼

X  

12CWQ10G Datasheet(PDF) 2 Page - International Rectifier

Part # 12CWQ10G
Description  The 12CWQ10G surface mount, center tap, Schottky rectifier series has been designed for applications requiring low for forward
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CWQ10G Datasheet(HTML) 2 Page - International Rectifier

  12CWQ10G Datasheet HTML 1Page - International Rectifier 12CWQ10G Datasheet HTML 2Page - International Rectifier 12CWQ10G Datasheet HTML 3Page - International Rectifier 12CWQ10G Datasheet HTML 4Page - International Rectifier 12CWQ10G Datasheet HTML 5Page - International Rectifier 12CWQ10G Datasheet HTML 6Page - International Rectifier 12CWQ10G Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
12CWQ10G
2
Preliminary Data Sheet PD-20682 09/04
V
FM
Max. Forward Voltage Drop
0.80
V
@ 6A
(Per Leg) * See Fig. 1
(1)
0.95
V
@ 12A
0.65
V
@ 6A
0.78
V
@ 12A
I
RM
Max. Reverse Leakage Current
0.22
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
4
mA
T
J = 125 °C
VF(TO) Threshold Voltage
0.47
V
T
J = TJ max.
r
t
Forward Slope Resistance
20.68
mΩ
C
T
Typ. Junction Capacitance (Per Leg)
183
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.0
nH
Measured lead to lead 5mm from package body
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R = rated VR
Part number
12CWQ10G
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
100
Parameters
12CWQ... Units
Conditions
I
F(AV) Max. Average Forward
(Per Leg)
6
A
50% duty cycle @ T
C = 135°C, rectangular wave form
Current * See Fig. 5
(Per Device)
12
I
FSM
Max.PeakOneCycleNon-Repetitive
330
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 7(Per Leg)
110
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetit. AvalancheEnergy(PerLeg)
6
mJ
T
J = 25 °C, IAS = 1 Amps, L = 12 mH
I
AR
RepetitiveAvalancheCurrent(PerLeg)
1
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
A
Parameters
12CWQ... Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)
T
J
Max. Junction Temperature Range (*) -55 to 150
°C
T
stg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance(Per Leg)
3.0
°C/W DC operation
* See Fig. 4
Junction to Case
(Per Device)
1.5
wt
Approximate Weight
0.3 (0.01) g (oz.)
Case Style
D-Pak
Similar to TO-252AA
Device Marking
12CWQ10G
Thermal-Mechanical Specifications
Parameters
12CWQ... Units
Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com