Electronic Components Datasheet Search
  English  ▼

X  

TPRH2D14 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH2D14
Description  SLIM INDUCTOR-RoHS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH2D14 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH2D14 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH2D14 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1701
TPRH 2D14 TYPE
●FEATURE
1. Low profile and small size (Height: 1.65mm Max)
2. Low DC resistance
3. Magnetic Shielding type
●Applications
1. LCD panels
2. Digital camera
3. PDA and others portable
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Part Number
L(uH)
DCR(ΩMax)
IDC(A)(Max)
TPRH2D14-2R2N
2.2±30%
0.094
1.50
TPRH2D14-3R3N
3.3±30%
0.130
1.10
TPRH2D14-4R7N
4.7±30%
0.169
1.00
TPRH2D14-6R8N
6.8±30%
0.213
0.85
TPRH2D14-100N
10±30%
0.294
0.70
TPRH2D14-220N
22±30%
0.774
0.42
TPRH2D14-330N
33±30%
1.200
0.40
Note1. Measurement frequency of Inductance value : at 100KHz, 1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. The rated current indicates the current when the inductance decreases to 65% over of it’s
nominal value or D.C. current when the temperature rising ∆t=30℃lower, whichever is lower
Note4. Inductance tolerance: N: ±30%
Note5. Packaging: Taping ; Quantity: 3000 Pieces/reel


Similar Part No. - TPRH2D14

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH2D11 FENGJUI-TPRH2D11 Datasheet
109Kb / 1P
SLIM INDUCTOR-RoHS
TPRH2D11-100N FENGJUI-TPRH2D11-100N Datasheet
109Kb / 1P
SLIM INDUCTOR-RoHS
TPRH2D11-220N FENGJUI-TPRH2D11-220N Datasheet
109Kb / 1P
SLIM INDUCTOR-RoHS
TPRH2D11-2R2N FENGJUI-TPRH2D11-2R2N Datasheet
109Kb / 1P
SLIM INDUCTOR-RoHS
TPRH2D11-3R3N FENGJUI-TPRH2D11-3R3N Datasheet
109Kb / 1P
SLIM INDUCTOR-RoHS
More results

Similar Description - TPRH2D14

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
PQH252010H-R FENGJUI-PQH252010H-R Datasheet
193Kb / 2P
SLIM INDUCTOR-RoHS
S3D18P FENGJUI-S3D18P Datasheet
160Kb / 3P
SLIM INDUCTOR-RoHS
SD5D12 FENGJUI-SD5D12 Datasheet
289Kb / 3P
SLIM INDUCTOR-RoHS
SDIA3012 FENGJUI-SDIA3012 Datasheet
201Kb / 2P
SLIM INDUCTOR-RoHS
SDIA4030 FENGJUI-SDIA4030 Datasheet
179Kb / 3P
SLIM INDUCTOR-RoHS
SDIA5020 FENGJUI-SDIA5020 Datasheet
161Kb / 2P
SLIM INDUCTOR-RoHS
SDIA5040 FENGJUI-SDIA5040 Datasheet
158Kb / 2P
SLIM INDUCTOR-RoHS
SDIA6012 FENGJUI-SDIA6012 Datasheet
146Kb / 2P
SLIM INDUCTOR-RoHS
SDIA8020 FENGJUI-SDIA8020 Datasheet
209Kb / 2P
SLIM INDUCTOR-RoHS
SD5D18 FENGJUI-SD5D18 Datasheet
288Kb / 3P
SLIM INDUCTOR-RoHS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com