Electronic Components Datasheet Search
  English  ▼

X  

TPRH4D18 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH4D18
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH4D18 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH4D18 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH4D18 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH4D18 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
TPRH 4D18 TYPE
●FEATURE
1. Various high power inductors are superior
to be high saturation for surface mounting
●Applications
1. DC-DC converter of portable equipment
2. Digital Camera,Notebook,Camcorder and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
A
D
H
XXX
MARKING
A=4.70±0.30m/m ; D=2.00m/m MAX; C=6.90m/m TYP. ; H=1.50m/m REF.
MARKING= Inductance value
●Specification
Part Number
L(uH)
Marking
DCR(ΩMax)
IDC(A)(Max)
TPRH4D18-1R0□
1.0
1R0
0.045
1.72
TPRH4D18-2R2□
2.2
2R2
0.075
1.32
TPRH4D18-2R7□
2.7
2R7
0.105
1.28
TPRH4D18-3R3□
3.3
3R3
0.110
1.04
TPRH4D18-3R9□
3.9
3R9
0.155
0.88
TPRH4D18-4R7□
4.7
4R7
0.162
0.84
TPRH4D18-5R6□
5.6
5R6
0.170
0.80
TPRH4D18-6R8□
6.8
6R8
0.200
0.76
TPRH4D18-8R2□
8.2
8R2
0.245
0.68
TPRH4D18-100□
10
100
0.200
0.61
TPRH4D18-120□
12
120
0.210
0.56
TPRH4D18-150□
15
150
0.240
0.50
TPRH4D18-180□
18
180
0.338
0.48
TPRH4D18-220□
22
220
0.397
0.41
TPRH4D18-270□
27
270
0.441
0.35
TPRH4D18-330□
33
330
0.694
0.32
TPRH4D18-390□
39
390
0.709
0.30
1.50REF
1.90REF


Similar Part No. - TPRH4D18

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH4D28 FENGJUI-TPRH4D28 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D28-100 FENGJUI-TPRH4D28-100 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D28-101 FENGJUI-TPRH4D28-101 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D28-120 FENGJUI-TPRH4D28-120 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D28-121 FENGJUI-TPRH4D28-121 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TPRH4D18

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1807 FENGJUI-ANB1807 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com