Electronic Components Datasheet Search
  English  ▼

X  

AMS2907 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2907
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2907 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2907 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2907 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS2907
Monolithic
500mA LOW DROPOUT VOLTAGE REGULATOR
Systems
FEATURES
APPLICATIONS
•• Three Terminal Adjustable or Fixed Voltages*
•• High Efficiency Linear Regulators
1.5V, 1.8V, 2.5V, 2.85V, 3.3V and 5.0V
•• Post Regulators for Switching Supplies
•• Output Current of 500mA
•• 5V to 3.3V Linear Regulator
•• Operates Down to 1V Dropout
•• Battery Chargers
•• Line Regulation: 0.2% Max.
•• Sound Cards
•• Load Regulation: 0.4% Max.
•• Power Management for Notebook
•• TO-252, SOT-223 and SOT-89 packages
•• Battery Powered Instrumentation
GENERAL DESCRIPTION
The
The AMS2907 series of adjustable and fixed voltage regulators are designed to provide 500mA output current and to operate
down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS2907 devices are pin compatible with other three-terminal regulators and are offered in the low profile surface
mount TO-252(DPAK), SOT-223 and SOT-89 packages.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
SOT-89
TO-252
SOT-223
TEMPERATURE
RANGE
AMS2907CL
AMS2907CD
AMS2907
-40 to 125
° C
AMS2907CL-1.5
AMS2907CD-1.5
AMS2907-1.5
-40 to 125
° C
AMS2907CL-1.8
AMS2907CD-1.8
AMS2907-1.8
-40 to 125
° C
AMS2907CL-2.5
AMS2907CD-2.5
AMS2907-2.5
-40 to 125
° C
AMS2907CL-2.85
AMS2907CD-2.85
AMS2907-2.85
-40 to 125
° C
AMS2907CL-3.3
AMS2907CD-3.3
AMS2907-3.3
-40 to 125
° C
AMS2907CL-5.0
AMS2907CD-5.0
AMS2907-5.0
-40 to 125
° C
*For additional available fixed voltages contact factory.
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VIN
3- VOUT
1- Adjust
2- VIN
3- VOUT
SOT-89 Top View
3
2
1
SOT-223 Top View
1
2
3
TO-252 Front View
1
2
3


Similar Part No. - AMS2907

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907-1.5 ADMOS-AMS2907-1.5 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907-1.8 ADMOS-AMS2907-1.8 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907-2.5 ADMOS-AMS2907-2.5 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907-2.85 ADMOS-AMS2907-2.85 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2907

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
165Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com